Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RMB3T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24C32-RMB3T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB3T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24C32-RMB3T Datasheet HTML 14Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 15Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 16Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 17Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 18Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 19Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 20Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 21Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
M24C64, M24C32
18/26
Table 16. AC Characteristics (M24Cxx-6, M24Cxx-W6 and M24Cxx-W3)
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
4. The Write Time of 5 ms only applies to devices bearing the process letter “B” in the package marking (on the top side of the pack-
age), otherwise (for devices bearing the process letter “N”) the Write Time is 10 ms. For further details, please contact your nearest
ST sales office, and ask for a copy of the Product Change Notice PCEE0036.
Table 17. AC Characteristics (M24Cxx-R)
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Test conditions specified in Table 11. and Table 8. or Table 9.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
600
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start Condition
1300
ns
tW
tWR
Write Time
5 or4 10
ms
Test conditions specified in Table 11. and Table 10.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
600
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start Condition
1300
ns
tW
tWR
Write Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com