Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RMB3T Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C32-RMB3T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB3T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C32-RMB3T Datasheet HTML 18Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 19Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 20Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 21Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 22Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 23Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 24Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 25Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25/26
M24C64, M24C32
REVISION HISTORY
Table 23. Document Revision History
Date
Rev.
Description of Revision
22-Dec-1999
2.3
TSSOP8 package in place of TSSOP14 (pp 1, 2, OrderingInfo, PackageMechData).
28-Jun-2000
2.4
TSSOP8 package data corrected
31-Oct-2000
2.5
References to Temperature Range 3 removed from Ordering Information
Voltage range -S added, and range -R removed from text and tables throughout.
20-Apr-2001
2.6
Lead Soldering Temperature in the Absolute Maximum Ratings table amended
Write Cycle Polling Flow Chart using ACK illustration updated
References to PSDIP changed to PDIP and Package Mechanical data updated
16-Jan-2002
2.7
Test condition for ILI made more precise, and value of ILI for E2-E0 and WC added
-R voltage range added
02-Aug-2002
2.8
Document reformatted using new template.
TSSOP8 (3x3mm² body size) package (MSOP8) added.
5ms write time offered for 5V and 2.5V devices
04-Feb-2003
2.9
SO8W package removed. -S voltage range removed
27-May-2003
2.10
TSSOP8 (3x3mm² body size) package (MSOP8) removed
22-Oct-2003
3.0
Table of contents, and Pb-free options added. Minor wording changes in Summary
Description, Power-On Reset, Memory Addressing, Write Operations, Read Operations.
VIL(min) improved to -0.45V.
01-Jun-2004
4.0
Absolute Maximum Ratings for VIO(min) and VCC(min) improved. Soldering temperature
information clarified for RoHS compliant devices. Device Grade clarified
04-Nov-2004
5.0
Product List summary table added. Device Grade 3 added. 4.5-5.5V range is Not for New
Design. Some minor wording changes. AEC-Q100-002 compliance. tNS(max) changed.
VIL(min) is the same on all input pins of the device. ZWCL changed.
05-Jan-2005
6.0
UFDFPN8 package added. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com