Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RMB3T Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24C32-RMB3T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB3T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24C32-RMB3T Datasheet HTML 13Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 14Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 15Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 16Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 17Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 18Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 19Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 20Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
M24C64, M24C32
Table 14. DC Characteristics (M24Cxx-W6 and M24Cxx-W3)
Table 15. DC Characteristics (M24Cxx-R)
Symbol
Parameter
Test Condition
(in addition to those in Table 9.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =2.5V, fc=400kHz (rise/fall time <
30ns)
1mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC, VCC = 2.5 V
2µA
VIL
Input Low Voltage
–0.45
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
Symbol
Parameter
Test Condition
(in addition to those in Table 10.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =1.8V, fc=100kHz (rise/fall time <
30ns)
0.8
mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC, VCC = 1.8 V
0.2
µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.7 mA, VCC = 1.8 V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com