Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RMB3T Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24C32-RMB3T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB3T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24C32-RMB3T Datasheet HTML 12Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 13Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 14Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 15Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 16Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 17Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 18Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 19Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
M24C64, M24C32
16/26
Table 11. AC Measurement Conditions
Figure 11. AC Measurement I/O Waveform
Table 12. Input Parameters
Note: 1. TA = 25°C, f = 400kHz
2. Sampled only, not 100% tested.
Table 13. DC Characteristics (M24Cxx(1), M24Cxx-W6 and M24Cxx-W3)
Note: 1. This range is Not for New Design, and will soon be replaced by the M24Cxx-W range.
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Levels
0.2VCC to 0.8VCC
V
Input and Output Timing Reference Levels
0.3VCC to 0.7VCC
V
Symbol
Parameter1,2
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance
VIN < 0.3VCC
50
200
k
Ω
ZWCH
WC Input Impedance
VIN > 0.7VCC
500
k
Ω
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
200
ns
Symbol
Parameter
Test Condition
(in addition to those in Table 8.)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=5V, fc=400kHz (rise/fall time < 30ns)
2mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC, VCC = 5 V
10
µA
VIL
Input Low Voltage
–0.45
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 3 mA, VCC = 5 V
0.4
V
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com