Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4N02F Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTHD4N02F
Description  Power MOSFET and Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4N02F Datasheet(HTML) 1 Page - ON Semiconductor

  NTHD4N02F Datasheet HTML 1Page - ON Semiconductor NTHD4N02F Datasheet HTML 2Page - ON Semiconductor NTHD4N02F Datasheet HTML 3Page - ON Semiconductor NTHD4N02F Datasheet HTML 4Page - ON Semiconductor NTHD4N02F Datasheet HTML 5Page - ON Semiconductor NTHD4N02F Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 7
1
Publication Order Number:
NTHD4N02F/D
NTHD4N02F
Power MOSFET and
Schottky Diode
20 V, 3.9 A, N−Channel, with 3.7 A
Schottky Barrier Diode, ChipFET
t
Features
• Leadless SMD Package Featuring a MOSFET and Schottky Diode
• 40% Smaller than TSOP−6 Package with Better Thermals
• Super Low Gate Charge MOSFET
• Ultra Low V
F Schottky
• Pb−Free Package is Available
Applications
• Fast Switching, low Gate Charge for Dc to Dc Buck and Boost
Converters
• Li−Ion Battery Applications in Cell Phones, PDAs, DSCs, and Media
Players
• Load Side Switching
MOSFET MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current
Steady
TJ = 25°C
ID
2.9
A
Current
Steady
State
TJ = 85°C
2.1
t
v 5 s TJ = 25°C
3.9
Pulsed Drain Current
tp=10 ms
IDM
12
A
Power Dissipation
Steady
TJ = 25°C
PD
0.91
W
Steady
State
TJ = 85°C
0.36
t
v 5 s TJ = 25°C
2.1
Continuous Source Current (Body Diode)
IS
2.6
A
Operating Junction and Storage
Temperature
TJ, TSTG
−55 to 150
°C
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
SCHOTTKY DIODE MAXIMUM RATINGS
(TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
20
V
DC Blocking Voltage
VR
20
V
Average Rectified
Forward Current
Steady
State
TJ = 25°C
IF
2.2
A
t
v 5 s
TJ = 25 C
3.7
A
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
Device
Package
Shipping†
ORDERING INFORMATION
NTHD4N02FT1
ChipFET
3000/Tape & Reel
ChipFET
]
CASE 1206A
STYLE 3
http://onsemi.com
C
A
SCHOTTKY DIODE
20 V
20 V
80 m
W @ 2.5 V
60 m
W @ 4.5 V
0.35 V
RDS(on) TYP
3.9 A
3.7 A
ID MAX
V(BR)DSS
MOSFET
SCHOTTKY DIODE
VR MAX
IF MAX
VF TYP
G
D
S
N−Channel MOSFET
1
1
1
8
7
6
5
4
3
2
1
MARKING
DIAGRAM
C2 = Specific Device Code
M = Month Code
1
2
3
4
C
C
D
D
A
A
S
G
PIN
CONNECTIONS
NTHD4N02FT1G
ChipFET
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NTHD4N02F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4N02 ONSEMI-NTHD4N02 Datasheet
295Kb / 2P
Typical Uses for FETKY Devices
Rev.0, Jun-2006
More results

Similar Description - NTHD4N02F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4P02F ONSEMI-NTHD4P02F Datasheet
74Kb / 8P
Power MOSFET and Schottky Diode
October, 2004 ??Rev. 4
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
NTTD4401F ONSEMI-NTTD4401F_07 Datasheet
86Kb / 8P
Power MOSFET and Schottky Diode
January, 2007 ??Rev. 5
NTHD3101F ONSEMI-NTHD3101F Datasheet
140Kb / 7P
Power MOSFET and Schottky Diode
March, 2006 ??Rev. 3
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTLGF3501NT2G ONSEMI-NTLGF3501NT2G Datasheet
93Kb / 8P
Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
Power MOSFET and Schottky Diode
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
Power MOSFET and Schottky Diode
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com