Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4N02F Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTHD4N02F
Description  Power MOSFET and Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4N02F Datasheet(HTML) 4 Page - ON Semiconductor

  NTHD4N02F Datasheet HTML 1Page - ON Semiconductor NTHD4N02F Datasheet HTML 2Page - ON Semiconductor NTHD4N02F Datasheet HTML 3Page - ON Semiconductor NTHD4N02F Datasheet HTML 4Page - ON Semiconductor NTHD4N02F Datasheet HTML 5Page - ON Semiconductor NTHD4N02F Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTHD4N02F
http://onsemi.com
4
TYPICAL MOSFET PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
QGD
VDS = 0 V
VGS = 0 V
5
10
10
400
300
200
100
0
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
QG, TOTAL GATE CHARGE (nC)
TJ = 25°C
COSS
CISS
CRSS
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
50
VGS
VDS
15
0.9
3
0
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage vs. Current
VGS = 0 V
TJ = 25°C
7
0.75
0.45
0.3
1
4
2
1.2
0.6
1.05
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
0
4
8
12
16
20
ID = 2.9 A
TJ = 25°C
QGS
QT
1
10
100
1
10
100
VDD = 16 V
ID = 2.9 A
VGS = 4.5 V
td(off)
td(on)
tf
tr



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com