Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4N02F Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTHD4N02F
Description  Power MOSFET and Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4N02F Datasheet(HTML) 3 Page - ON Semiconductor

  NTHD4N02F Datasheet HTML 1Page - ON Semiconductor NTHD4N02F Datasheet HTML 2Page - ON Semiconductor NTHD4N02F Datasheet HTML 3Page - ON Semiconductor NTHD4N02F Datasheet HTML 4Page - ON Semiconductor NTHD4N02F Datasheet HTML 5Page - ON Semiconductor NTHD4N02F Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTHD4N02F
http://onsemi.com
3
TYPICAL MOSFET PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
2 V
100
°C
0
8
5
6
6
3
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4
2
0
1
Figure 1. On−Region Characteristics
0
8
2
1.5
2.5
6
4
2
1
0
3
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
35
0.1
0.05
0
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
17
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.5
1.3
1.1
0.9
0.7
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.15
24
TC = −55°C
ID = 2.9 A
TJ = 25°C
0.1
0.04
75
150
TJ = 25°C
ID = 2.9 A
VGS = 4.5 V
4
25
°C
1.7
VGS = 4.5 V
16
24
8
1
20
16
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
12
VGS = 0 V
TJ = 100°C
1.4 V
1.6 V
1.8 V
VGS = 2.5 V
10
100
78
2.2 V
VDS ≥ 10 V
35
0.07
610
18
14
VGS = 2.4 V
VGS = 5 V to 3 V
910
0.5
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com