Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4N02F Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHD4N02F
Description  Power MOSFET and Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4N02F Datasheet(HTML) 2 Page - ON Semiconductor

  NTHD4N02F Datasheet HTML 1Page - ON Semiconductor NTHD4N02F Datasheet HTML 2Page - ON Semiconductor NTHD4N02F Datasheet HTML 3Page - ON Semiconductor NTHD4N02F Datasheet HTML 4Page - ON Semiconductor NTHD4N02F Datasheet HTML 5Page - ON Semiconductor NTHD4N02F Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTHD4N02F
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 1)
RqJA
110
°C/W
Junction−to−Ambient – t
v 5 s
RqJA
60
°C/W
1. Surface Mounted on FR4 Board using 1 in sq. pad size (Cu area = 1.27 in sq.
[1 oz] including traces).
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
28
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
TJ = 25°C
1.0
mA
VDS = 16 V
TJ = 85°C
5.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.6
1.2
V
Drain−to−Source On−Resistance
RDS(on)
VGS = 4.5, ID = 2.9 A
0.058
0.080
W
()
VGS = 2.5, ID = 2.3 A
0.077
0.115
Forward Transconductance
gFS
VDS = 10 V, ID = 2.9 A
6.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
V
0V f
10MH
180
300
pF
Output Capacitance
COSS
VGS = 0 V, f = 1.0 MHz,
VDS = 10 V
80
130
Reverse Transfer Capacitance
CRSS
VDS = 10 V
30
50
Total Gate Charge
QG(TOT)
V
45V V
10 V
2.6
4.0
nC
Gate−to−Source Charge
QGS
VGS = 4.5 V, VDS = 10 V,
ID = 2.9 A
0.6
Gate−to−Drain Charge
QGD
ID = 2.9 A
0.7
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
5.0
10
ns
Rise Time
tr
VGS = 4.5 V, VDD = 16 V,
9.0
18
Turn−Off Delay Time
td(OFF)
VGS = 4.5 V, VDD = 16 V,
ID = 2.9 A, RG = 2.5 W
10
20
Fall Time
tf
3.0
6.0
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 2)
Forward Diode Voltage
VSD
VGS = 0 V, IS = 2.6 A
0.8
1.15
V
Reverse Recovery Time
tRR
12.5
ns
Charge Time
ta
VGS = 0 V, IS = 2.6 A,
9.0
Discharge Time
tb
VGS = 0 V, IS = 2.6 A,
dIS/dt = 100 A/ms
3.5
Reverse Recovery Charge
QRR
6.0
nC
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Maximum Instantaneous Forward Voltage
VF
IF = 0.1 A
0.31
V
IF = 1.0 A
0.365
Maximum Instantaneous Reverse Current
IR
VR = 10 V
0.75
mA
VR = 20 V
2.5
Non−Repetitive Peak Surge Current
IFSM
Halfwave, Single Pulse, 60 Hz
23
A
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com