Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4N02F Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTHD4N02F
Description  Power MOSFET and Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4N02F Datasheet(HTML) 5 Page - ON Semiconductor

  NTHD4N02F Datasheet HTML 1Page - ON Semiconductor NTHD4N02F Datasheet HTML 2Page - ON Semiconductor NTHD4N02F Datasheet HTML 3Page - ON Semiconductor NTHD4N02F Datasheet HTML 4Page - ON Semiconductor NTHD4N02F Datasheet HTML 5Page - ON Semiconductor NTHD4N02F Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTHD4N02F
http://onsemi.com
5
TYPICAL SCHOTTKY PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
10
0.00
0.20
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1
0.1
Figure 11. Typical Forward Voltage
Figure 12. Maximum Forward Voltage
10
1E−3
100E−6
10E−6
Figure 13. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
Figure 14. Maximum Reverse Current
25
3
2
2.5
1
0
65
125
105
Figure 15. Current Derating
TL, LEAD TEMPERATURE (°C)
TJ = 150°C
100E−3
TJ = 25°C
85
165
freq = 20 kHz
3.5
20
01
0
3.5
3
Figure 16. Forward Power Dissipation
IO, AVERAGE FORWARD CURRENT (AMPS)
2
0.2
1.4
0.40
0.5
1.5
2.5
0.60
0.80
0
TJ = 25°C
TJ = −55°C
10
0.00
0.20
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (VOLTS)
1
0.1
TJ = 150°C
0.40
0.60
0.80
TJ = 25°C
10E−3
TJ = 100°C
TJ = 150°C
10
1E−3
100E−6
10E−6
VR, REVERSE VOLTAGE (VOLTS)
100E−3
TJ = 25°C
20
0
10E−3
TJ = 100°C
TJ = 150°C
1.5
0.5
45
145
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io =
p
square wave
dc
1
1.2
0.4
0.6
0.8
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io =
p
square wave
dc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com