Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS302 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS302
Description  3-line overvoltage protected AC switch array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS302 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACS302 Datasheet HTML 3Page - STMicroelectronics ACS302 Datasheet HTML 4Page - STMicroelectronics ACS302 Datasheet HTML 5Page - STMicroelectronics ACS302 Datasheet HTML 6Page - STMicroelectronics ACS302 Datasheet HTML 7Page - STMicroelectronics ACS302 Datasheet HTML 8Page - STMicroelectronics ACS302 Datasheet HTML 9Page - STMicroelectronics ACS302 Datasheet HTML 10Page - STMicroelectronics ACS302 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID024500 Rev 1
7/12
ACS302
AC line switch basic application
2.1
High Inductive switch-off operation
In Figure 17, at the end of the last conduction half-cycle, the load current reaches the
holding current level IH, and the ACS turns off. Because of the inductance L of the load, the
current flows through the avalanche diode D and decreases linearly to zero. During this
time, the voltage across the switch is limited to the clamping voltage VCL.
The energy stored in the inductance of the load depends on the holding current IH
(
Figure 18
) and the inductance (up to 10 H). The energy stored can reach about 20 mJ and
is dissipated in the clamping diode section that is especially designed for that purpose.
2.2
AC line transient voltage ruggedness
The ACS302 is able to withstand safely the AC line transient voltages either by clamping the
low energy spikes or by breaking over under high energy shocks.
The test circuit shown in Figure 19 is representative of the final ACS application and is also
used to stress the ACS according to the IEC 61000-4-5 standard conditions. Thanks to the
load, the ACS withstands the voltage spikes up to 2 kV above the peak line voltage. It will
break over safely even on resistive load where the turn on current rise is high as shown in
Figure 20
. Such non repetitive test can be done 10 times on each AC line voltage polarity.
Figure 17. Turn-off operation of the ACS302
with an electro-valve: waveform of the pin OUT
current IOUT and voltage VOUT
Figure 18. ACS302 switch static characteristic
IH
TCL
VCL
VOUT
IOUT
VOUT
IOUT
VCL
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com