Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS302 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS302
Description  3-line overvoltage protected AC switch array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS302 Datasheet(HTML) 4 Page - STMicroelectronics

  ACS302 Datasheet HTML 1Page - STMicroelectronics ACS302 Datasheet HTML 2Page - STMicroelectronics ACS302 Datasheet HTML 3Page - STMicroelectronics ACS302 Datasheet HTML 4Page - STMicroelectronics ACS302 Datasheet HTML 5Page - STMicroelectronics ACS302 Datasheet HTML 6Page - STMicroelectronics ACS302 Datasheet HTML 7Page - STMicroelectronics ACS302 Datasheet HTML 8Page - STMicroelectronics ACS302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ACS302
4/12
DocID024500 Rev 1
Figure 7. Relative variation of holding current
and latching current (IH, IL) versus junction
temperature (typical values)
Figure 8. Surge peak on-state current versus
number of cycles
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
IH,IL [T j]/ IH,IL [T j=25 °C]
IL, IH
Tj(°C)
0
1
2
3
4
5
6
7
8
1
10
100
1000
ITSM
Non repetitive
Tj initial=25 °C
ITRM
Repetitive
Tamb=110°C
ITSM, ITRM (A)
Number of cycles
One cycle
t=20ms
Figure 9. Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10ms, and corresponding value of I2t
Figure 10. On-state characteristics (maximum
values)
0
1
10
100
1000
0.01
0.10
1.00
10.00
ITSM(A), I²t (A²s)
Tj initial=25 °C
ITSM
I²t
dI/dt limitation: 50 A/µs
tp(ms)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ITM(A)
Tj max :
Vto= 0.8 V
Rd= 500 md
Tj=25 °C
Tj=125 °C
VTM(V)
Figure 11. Relative variation of critical rate of
decrease of current (dI/dt)c versus junction
temperature (typical values)
Figure 12. Relative variation of critical rate of
decrease of current (dI/dt)c versus dV/dt
(typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
70
80
90
100
110
120
130
(dI/dt)
c [Tj] / (dI/dt) c [Tj=125°C]
Tj(°C)
0.1
1.0
10.0
0.1
1.0
10.0
100.0
(dI/dt)c [(dV/dt) c ] / Specified (dI/dt) c
(dV/dt)c (V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com