Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS302 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ACS302
Description  3-line overvoltage protected AC switch array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS302 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ACS302 Datasheet HTML 4Page - STMicroelectronics ACS302 Datasheet HTML 5Page - STMicroelectronics ACS302 Datasheet HTML 6Page - STMicroelectronics ACS302 Datasheet HTML 7Page - STMicroelectronics ACS302 Datasheet HTML 8Page - STMicroelectronics ACS302 Datasheet HTML 9Page - STMicroelectronics ACS302 Datasheet HTML 10Page - STMicroelectronics ACS302 Datasheet HTML 11Page - STMicroelectronics ACS302 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering Information
ACS302
10/12
DocID024500 Rev 1
Figure 22. Footprint (dimensions in mm)
4
Ordering Information
Figure 23. Ordering information scheme
1.27
(0.050)
0.6
(0.024)
8.5
(0.335)
11.2
(0.441)
Table 7. Ordering information
Order code
Marking
Package
Weight
Base Qty
Delivery mode
ACS302-6T3-TR
ACS302-6
SO-20
0.55g
1,000
Tape and Reel 13”
ACS302-6T3
ACS302-6
SO-20
0.55g
40
Tube
Series
AC switch
Number of switches
3
Current rms
02 = 200 mA
Voltage
6 = 600 V
Package
T3 = SO-20
Delivery mode
TR = Tape and reel 13”
Blank = tube
ACS
3
02
-
6
T3
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com