Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS302 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS302
Description  3-line overvoltage protected AC switch array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS302 Datasheet(HTML) 5 Page - STMicroelectronics

  ACS302 Datasheet HTML 1Page - STMicroelectronics ACS302 Datasheet HTML 2Page - STMicroelectronics ACS302 Datasheet HTML 3Page - STMicroelectronics ACS302 Datasheet HTML 4Page - STMicroelectronics ACS302 Datasheet HTML 5Page - STMicroelectronics ACS302 Datasheet HTML 6Page - STMicroelectronics ACS302 Datasheet HTML 7Page - STMicroelectronics ACS302 Datasheet HTML 8Page - STMicroelectronics ACS302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID024500 Rev 1
5/12
ACS302
Characteristics
Figure 15. Relative variation of clamping voltage (VCL) versus junction temperature
(minimum values)
Figure 13. Relative variation of dV/dt immunity
versus junction temperature (typical values)
Figure 14. Relative variation of leakage current
versus junction temperature (typical values)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
dV/dt [T
j]/ dV/dt [T j=125 °C]
Vout=400 V
Tj(°C)
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
IDRM/IRRM [Tj;V DRM/VRRM]/IDRM/IRRM
VDRM=VRRM=600 V
Tj(°C)
[Tj=125°C; 600 V]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40
-20
0
20
40
60
80
100
125
V
CL [Tj]/VCL [Tj=-30 °C]
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com