Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS302 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS302
Description  3-line overvoltage protected AC switch array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS302 Datasheet(HTML) 3 Page - STMicroelectronics

  ACS302 Datasheet HTML 1Page - STMicroelectronics ACS302 Datasheet HTML 2Page - STMicroelectronics ACS302 Datasheet HTML 3Page - STMicroelectronics ACS302 Datasheet HTML 4Page - STMicroelectronics ACS302 Datasheet HTML 5Page - STMicroelectronics ACS302 Datasheet HTML 6Page - STMicroelectronics ACS302 Datasheet HTML 7Page - STMicroelectronics ACS302 Datasheet HTML 8Page - STMicroelectronics ACS302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID024500 Rev 1
3/12
ACS302
Characteristics
Table 4. Static electrical characteristics (for one switch)
Symbol
Test conditions
Value
Unit
VTM
ITM = 0.3 A, tp = 380 µs
Tj = 25°C
MAX
1.2
V
VTO
Threshold voltage
Tj = 125°C
0.8
V
RD
Dynamic resistance
Tj = 125°C
500
m
IDRM, IRRM
VOUT = 600 V
Tj = 25°C
2
µA
Tj = 125°C
200
µA
Table 5. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (AC)
80
°C/W
Figure 3. Maximum power dissipation versus
rms on-state current (per switch).
Figure 4. On-state rms current versus ambient
temperature (free air convection)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20
P(W)
a=180°
180°
IT(RMS) (A)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0
25
50
75
100
125
IT(RMS)(A)
a = 180°
Printed circuit board FR4
Natural convection
Ta (°C)
Figure 5. Relative variation of thermal
impedance junction to ambient versus pulse
duration
Figure 6. Relative variation of gate triggering
current and voltage (IGT, VGT) versus junction
temperature (typical values)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K= [Zth( j-a)/Rth(j-a)]
t p(s)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
IGT,VGT [Tj]/ IGT,VGT [Tj=25 °C]
IGT
VGT
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com