Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 32 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 32 Page - Micronas

Back Button HAL855 Datasheet HTML 28Page - Micronas HAL855 Datasheet HTML 29Page - Micronas HAL855 Datasheet HTML 30Page - Micronas HAL855 Datasheet HTML 31Page - Micronas HAL855 Datasheet HTML 32Page - Micronas HAL855 Datasheet HTML 33Page - Micronas HAL855 Datasheet HTML 34Page - Micronas HAL855 Datasheet HTML 35Page - Micronas HAL855 Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
32
Sept. 19, 2013; APN000046_03EN
Micronas
4.5.1.
The Calibration Procedure
The output characteristic is determined by four parameters:
– Clamp Low specifies the lower clamping voltage of the output curve.
– Clamp High specifies the higher clamping voltage of the output curve.
–VOQ corresponds to the output voltage at zero ADC-Readout.
– Sensitivity corresponds to the increase of the output voltage with magnetic field. A
sensitivity of “1” is equivalent to a voltage increase of 5 V at an increase of 2048 of
the ADC-Readout.
The following simple formula relates the analog output voltage to the ADC-Readout
(VDD is considered to be 5.0 V):
The calibration procedure is shown in Fig. 4–7. The register values are intended as
example:
Step 1:
Programming of the parameters which do not require individual adjustment:
– Clamp Low, Clamp High, Filter Frequency, Magnetic Range, TC, and TCSQ.
Step 2:
Get the ADC-Readout value in the first calibration point and assign a nominal output
voltage (VOUT,1) to that point.
Step 3:
Get the ADC-Readout value in the second calibration point and assign a nominal out-
put voltage (VOUT,2) to that point.
Step 4:
Calculate and program the values of SENSITIVITY and VOQ.
V
OUT
Sensitivity ADC-Readout 5 V

2048
--------------------------------------------------------------------------------
V
OQ
+
=
Sensitivity
V
OUT2
V
OUT1
–

ADCReadout
2
ADCReadout
1
–

--------------------------------------------------------------------------------------
2048
5V
------------
=
SENSITIVITY
Sensitivity 2048
=
V
OQ
V
OUT1
ADCReadout
1
Sensitivity
5V
2048
------------

–
=
VOQ
V
OQ
1024
5V
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com