Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 21 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 21 Page - Micronas

Back Button HAL855 Datasheet HTML 17Page - Micronas HAL855 Datasheet HTML 18Page - Micronas HAL855 Datasheet HTML 19Page - Micronas HAL855 Datasheet HTML 20Page - Micronas HAL855 Datasheet HTML 21Page - Micronas HAL855 Datasheet HTML 22Page - Micronas HAL855 Datasheet HTML 23Page - Micronas HAL855 Datasheet HTML 24Page - Micronas HAL855 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
21
4.3.
Programming of the Sensor
4.3.1.
Definition of Programming Pulses
The sensor is addressed by modulating a serial telegram on the supply voltage. The
sensor answers with a serial telegram on the output pin.
The bits in the serial telegram have a different bit time for the VDD-line and the output.
The bit time for the VDD-line is defined through the length of the Sync bit at the begin-
ning of each telegram. The bit time for the output is defined through the Acknowledge
bit.
A logical “0” is coded as no voltage change within the bit time. A logical “1” is coded as
a voltage change between 50% and 80% of the bit time. After each bit, a voltage
change occurs.
4.3.2.
Definition of the Telegram
Each telegram starts with the Sync bit (logical 0), 3 bits for the Command (COM), the
Command Parity bit (CP), 4 bits for the Address (ADR), and the Address Parity bit (AP).
There are 4 kinds of telegrams:
Write a register
After the AP bit, follow 14 Data bits (DAT) and the Data Parity bit (DP). If the telegram is
valid and the command has been processed, the sensor answers with an Acknowledge
bit (logical 0) on the output (see Fig. 4–2).
Read a register
After evaluating this command, the sensor answers with the Acknowledge bit, 14 Data
bits, and the Data Parity bit on the output (see Fig. 4–3).
Programming the
EEPROM cells
After evaluating this command, the sensor answers with the Acknowledge bit. After the
delay time tw, the supply voltage rises up to the programming voltage (see Fig. 4–4).
Activate a sensor
If more than one sensor is connected to the supply line, selection can be done by first
deactivating all sensors. The output of all sensors will be pulled to ground by the inter-
nal 10 k
 resistors. With an activate pulse on the appropriate output pin, an individual
sensor can be selected. All following commands will only be accepted from the acti-
vated sensor (see Fig. 4–5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com