Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 97 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 97 Page - Micronas

Back Button HAL855 Datasheet HTML 93Page - Micronas HAL855 Datasheet HTML 94Page - Micronas HAL855 Datasheet HTML 95Page - Micronas HAL855 Datasheet HTML 96Page - Micronas HAL855 Datasheet HTML 97Page - Micronas HAL855 Datasheet HTML 98Page - Micronas HAL855 Datasheet HTML 99Page - Micronas HAL855 Datasheet HTML 100Page - Micronas HAL855 Datasheet HTML 101Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
97
7.5.1.
The Programmable Output Characteristic
The HAL856 allows programming of a user-defined output characteristic by 32 set-
points.
Each setpoint corresponds to a defined output signal between 0% and 99.8%
The sequence of setpoints must be defined monotonously.
An example of how the setpoints are programmed is given in Fig. 7–6.
Note: In case of a non-linear output characteristic, the parameters SHIFT and SLOPE
are related to the (virtual) straight line connecting the first and the last setpoints
(setpoint 0 and setpoint 31, respectively).
Example:
Fig. 7–6:
Definition of the Output Characteristic “Linear (Standard)”
BEGIN
END
SETPOINT LOOP
FOR SETPOINT = 0 TO 15
WRITE SETPOINTS
STX e 1 0 DAT_LOW DP ETX [Lower Part]
STX e 2 0 DAT_HIGH DP ETX [Higher Part]
CALCULATE SETPOINTS
DAT_LOW = HEX(SETPOINT x 16)
DAT_HIGH = HEX(SETPOINT x 16 + 256)
END SETPOINT LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com