Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 11 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 11 Page - Micronas

Back Button HAL855 Datasheet HTML 7Page - Micronas HAL855 Datasheet HTML 8Page - Micronas HAL855 Datasheet HTML 9Page - Micronas HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
11
2.7.
Error Flag Codes
Each response sent from the programmer board to the PC contains a status or error
flag.
Note: For safe programming, the evaluation of the error flags is mandatory.
Table 2–4:
Error flag description
Error Flag
Description
0
No error; status OK
1
Unspecified system error
2
Output low-level detection failure
3
Missing acknowledge (ACK)
4
ACK time-out failure
5
Bit time < 1 ms
6
VPROG out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com