Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 79 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 79 Page - Micronas

Back Button HAL855 Datasheet HTML 75Page - Micronas HAL855 Datasheet HTML 76Page - Micronas HAL855 Datasheet HTML 77Page - Micronas HAL855 Datasheet HTML 78Page - Micronas HAL855 Datasheet HTML 79Page - Micronas HAL855 Datasheet HTML 80Page - Micronas HAL855 Datasheet HTML 81Page - Micronas HAL855 Datasheet HTML 82Page - Micronas HAL855 Datasheet HTML 83Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
79
6.5.2.
The Calibration Procedure
The output characteristic is determined by the following parameters:
– Shift corresponds to the output voltage at an ADC value of zero.
– Slope corresponds to the increase of the output signal with magnetic field. A Slope
of “1” is equivalent to an output signal increase of 100% at an increase of 2048 of the
ADC value.
The HAL855 provides no ADC-Readout register. Therefore, the ADC value cannot be
read out. Instead, a digital readout DOUT is provided. The digital readout is captured at
the end of the signal processing.
The DOUT value can be used in the calibration process provided the register settings
are programmed to known initial settings. Hence, the calibration process must start
with a initialization of all relevant registers.
The calibration procedure is shown in Fig. 6–8. The register values are intended as an
example:
Step 1:
Programming of the parameters which do not require individual adjustment:
– Filter Frequency, Magnetic Range, Output Format, Output Period, TC, and TCSQ.
Step 2:
Initialize the registers SLOPE and SHIFT:
– The SHIFT register should be programmed to 50%.
– As the ADC value depends on the low pass filter frequency, it is recommended to
program the SLOPE register to the values listed in Table 6–7.
Step 3:
Get the digital readout value DOUT1 in the first calibration point and assign a nominal
output voltage (VOUT,1) to that point.
Step 4:
Get the digital readout value DOUT2 in the second calibration point and assign a nomi-
nal output voltage (VOUT,2) to that point.
Table 6–7:
Initial SLOPE values
3 dB Filter Frequency
SLOPEINITIAL
80
0.2578
160
0.2578
500
0.1938
1000
0.1938
2000
0.3398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com