Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N105K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF5N105K5
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N105K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF5N105K5 Datasheet HTML 2Page - STMicroelectronics STF5N105K5 Datasheet HTML 3Page - STMicroelectronics STF5N105K5 Datasheet HTML 4Page - STMicroelectronics STF5N105K5 Datasheet HTML 5Page - STMicroelectronics STF5N105K5 Datasheet HTML 6Page - STMicroelectronics STF5N105K5 Datasheet HTML 7Page - STMicroelectronics STF5N105K5 Datasheet HTML 8Page - STMicroelectronics STF5N105K5 Datasheet HTML 9Page - STMicroelectronics STF5N105K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STF5N105K5
6/14
DocID026702 Rev 5
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
K
10-4
Tp(s)
10-3
10-2
10-1
100
10-3
10-2
10-1
GC20940
ID
5
3
0
0
5
VDS(V)
10
(A)
15
6V
7V
VGS=10, 11V
2
4
6
8V
9V
20
1
GIPG290820141204FSR
ID
4
2
0
5
7
VGS(V)
9
(A)
6
8
10
1
3
5
VDS=20V
GIPG290820141334FSR
10
6
4
2
0
0
4
8
2
6
8
400
200
0
600
800
Qg(nC)
VGS
(V)
VDS
VDS
(V)
1200
12
10
VDS=840V
ID=3A
GIPG290820141348FSR
RDS(on)
1.5
1
0
2
ID(A)
(
Ω)
1
3
2
VGS=10V
4
2.5
3
3.5
4
GIPG290820141400FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com