Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N105K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF5N105K5
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N105K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF5N105K5 Datasheet HTML 1Page - STMicroelectronics STF5N105K5 Datasheet HTML 2Page - STMicroelectronics STF5N105K5 Datasheet HTML 3Page - STMicroelectronics STF5N105K5 Datasheet HTML 4Page - STMicroelectronics STF5N105K5 Datasheet HTML 5Page - STMicroelectronics STF5N105K5 Datasheet HTML 6Page - STMicroelectronics STF5N105K5 Datasheet HTML 7Page - STMicroelectronics STF5N105K5 Datasheet HTML 8Page - STMicroelectronics STF5N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STF5N105K5
Electrical characteristics
DocID026702 Rev 5
5/14
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
3
A
ISDM
Source-drain
current (pulsed)
-
12
A
VSD(1)
Forward on
voltage
VGS=0, ISD= 3 A
-
1.5
V
trr
Reverse recovery
time
ISD= 3 A, VDD= 60 V
di/dt = 100 A/µs,
Figure 17: " Test circuit for inductive
load switching and diode recovery
times"
-
400
ns
Qrr
Reverse recovery
charge
-
2.3
µC
IRRM
Reverse recovery
current
-
12
A
trr
Reverse recovery
time
ISD= 3 A,VDD= 60 V
di/dt=100 A/µs,
Tj=150 °C
Figure 17: " Test circuit for inductive
load switching and diode recovery
times"
-
560
ns
Qrr
Reverse recovery
charge
-
3.1
µC
IRRM
Reverse recovery
current
-
11
A
Notes:
(1)Pulsed: pulse duration = 300µs, duty cycle 1.5%
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ± 1mA, ID=0
30
-
-
V
The built-in back-to-back Zener diodes have specifically been designed to enhance the
device's ESD capability. In this respect the Zener voltage is appropriate to achieve an
efficient and cost-effective intervention to protect the device's integrity. These integrated
Zener diodes thus avoid the usage of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com