Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N105K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF5N105K5
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N105K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF5N105K5 Datasheet HTML 1Page - STMicroelectronics STF5N105K5 Datasheet HTML 2Page - STMicroelectronics STF5N105K5 Datasheet HTML 3Page - STMicroelectronics STF5N105K5 Datasheet HTML 4Page - STMicroelectronics STF5N105K5 Datasheet HTML 5Page - STMicroelectronics STF5N105K5 Datasheet HTML 6Page - STMicroelectronics STF5N105K5 Datasheet HTML 7Page - STMicroelectronics STF5N105K5 Datasheet HTML 8Page - STMicroelectronics STF5N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2014
DocID026702 Rev 5
1/14
This is information on a product in full production.
www.st.com
STF5N105K5
N-
channel 1050 V, 2.9 Ω typ., 3 A MDmesh™ K5
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STF5N105K5
1050 V
3.5 Ω
3 A
25 W
Worldwide best FOM (figure of merit)
Ultra low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This N-channel Zener-protected Power MOSFET
is
designed using ST’s revolutionary avalanche-
rugged very high voltage MDmesh™ K5
technology, based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance, and ultra-low gate
charge for applications which require superior
power density and high efficiency.
Table 1: Device summary
Part number
Marking
Package
Packaging
STF5N105K5
5N105K5
TO-220FP
Tube


Similar Part No. - STF5N105K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF5N105K5 ISC-STF5N105K5 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF5N105K5

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
Switching applications
29-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com