Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N105K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF5N105K5
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N105K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF5N105K5 Datasheet HTML 1Page - STMicroelectronics STF5N105K5 Datasheet HTML 2Page - STMicroelectronics STF5N105K5 Datasheet HTML 3Page - STMicroelectronics STF5N105K5 Datasheet HTML 4Page - STMicroelectronics STF5N105K5 Datasheet HTML 5Page - STMicroelectronics STF5N105K5 Datasheet HTML 6Page - STMicroelectronics STF5N105K5 Datasheet HTML 7Page - STMicroelectronics STF5N105K5 Datasheet HTML 8Page - STMicroelectronics STF5N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STF5N105K5
4/14
DocID026702 Rev 5
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0, ID = 1 mA
1050
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS = 1050 V
1
µA
VGS = 0, VDS = 1050 V,
Tc=125 °C
50
µA
IGSS
Gate body leakage current
VDS = 0, VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 1.5 A
2.9
3.5
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS=0, VDS =100 V,
f=1 MHz
-
210
-
pF
Coss
Output capacitance
-
16
-
pF
Crss
Reverse transfer capacitance
-
0.5
-
pF
Co(tr)(1)
Equivalent capacitance time
related
VGS = 0, VDS = 0 to 840 V
-
26
-
pF
Co(er)(2)
Equivalent capacitance
energy related
-
10
-
pF
RG
Intrinsic gate resistance
f = 1MHz open drain
-
9
-
Ω
Qg
Total gate charge
VDD = 840 V, ID = 3 A
VGS =10 V
Figure 16: "Gate charge
test circuit"
-
12.5
-
nC
Qgs
Gate-source charge
-
2
-
nC
Qgd
Gate-drain charge
-
9.5
-
nC
Notes:
(1)Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
(2)energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS
increases from 0 to 80% VDSS
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 525V, ID = 1.5 A, RG
=4.7 Ω,
VGS=10 V
Figure 18: " Unclamped inductive load
test circuit"
-
15.5
-
ns
tr
Rise time
-
8.5
-
ns
td(off)
Turn-off delay
time
-
31
-
ns
tf
Fall time
-
24
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com