Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N105K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF5N105K5
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N105K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF5N105K5 Datasheet HTML 3Page - STMicroelectronics STF5N105K5 Datasheet HTML 4Page - STMicroelectronics STF5N105K5 Datasheet HTML 5Page - STMicroelectronics STF5N105K5 Datasheet HTML 6Page - STMicroelectronics STF5N105K5 Datasheet HTML 7Page - STMicroelectronics STF5N105K5 Datasheet HTML 8Page - STMicroelectronics STF5N105K5 Datasheet HTML 9Page - STMicroelectronics STF5N105K5 Datasheet HTML 10Page - STMicroelectronics STF5N105K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STF5N105K5
Electrical characteristics
DocID026702 Rev 5
7/14
Figure 8: Capacitance variations
Figure 9: Maximum avalanche energy
Figure 10: Normalized gate threshold
voltage vs temperature
Figure 11: Normalized on-resistance vs
temperature
Figure 12: Normalized V(BR)DSS vs
temperature
Figure 13: Source-drain diode forward
characteristics
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
GIPG290820141409FSR
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
10
20
30
40
120
140
50
60
70
80
GIPG290820141445FSR
1.1
0.8
0.6
0.4
TJ(°C)
0.5
0.7
0.9
1
1.2
-100
0
-50
100
50
150
VGS(th)
(norm)
AM18082v1
ID=100 µ A
V(BR)DSS
-100
0
TJ(°C)
(norm)
-50
50
100
0.85
0.9
0.95
1
1.05
1.1
ID=1m A
AM18083v1
VSD
0
1
ISD(A)
(V)
0.5
1.5
2
0.5
0.6
0.7
0.8
TJ=-50°C
TJ=150°C
TJ=25°C
0.9
1
2.5
3
GIPG290820141432FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com