Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # API9221
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button API9221_16 Datasheet HTML 8Page - Diodes Incorporated API9221_16 Datasheet HTML 9Page - Diodes Incorporated API9221_16 Datasheet HTML 10Page - Diodes Incorporated API9221_16 Datasheet HTML 11Page - Diodes Incorporated API9221_16 Datasheet HTML 12Page - Diodes Incorporated API9221_16 Datasheet HTML 13Page - Diodes Incorporated API9221_16 Datasheet HTML 14Page - Diodes Incorporated API9221_16 Datasheet HTML 15Page - Diodes Incorporated API9221_16 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
12 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Logic State Table
INPUTS
OUTPUTS
EN
VDC INPUT
VALID*
VUSB INPUT
VALID*
PPR
CHG
Charging State
VDC_LDO
USB_BYP
X
No
No
Hi Z
Hi Z
Off
Off
Off
HIGH
Yes
No
LOW
Hi Z
Off
On
Off
LOW
Yes
No
LOW
LOW
On (VDC)
On
Off
HIGH
No
Yes
LOW
Hi Z
Off
Off
On
LOW
No
Yes
LOW
LOW
On (VUSB)
Off
On
HIGH
Yes
Yes
LOW
Hi Z
Off
On
On
LOW
Yes
Yes
LOW
LOW
On (VDC)
On
On
* Valid VDC input: VPOR < VDC < OVPVDC
* Valid VUSB input: VPOR < VUSB < OVPVUSB
X = don’t care
When the charging state is On, the charge current also depends on the battery terminal voltage as described in the text.
Charging Profile Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com