Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # API9221
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 3 Page - Diodes Incorporated

  API9221_16 Datasheet HTML 1Page - Diodes Incorporated API9221_16 Datasheet HTML 2Page - Diodes Incorporated API9221_16 Datasheet HTML 3Page - Diodes Incorporated API9221_16 Datasheet HTML 4Page - Diodes Incorporated API9221_16 Datasheet HTML 5Page - Diodes Incorporated API9221_16 Datasheet HTML 6Page - Diodes Incorporated API9221_16 Datasheet HTML 7Page - Diodes Incorporated API9221_16 Datasheet HTML 8Page - Diodes Incorporated API9221_16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
3 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Functional Block Diagram
CHARGER REGULATOR
BAT
VDC_LDO
USB_BYP
VDC
VUSB
THERMAL
CURRENT
FOLDBACK
PROTECTION
IVDC
IUSB
OVPVUSB
CHARGE
CONTROL
CHARGE
CONDITION
COMPARATORS
4.2V
CC/CV
VRCH
VMIN
VOSVDC
VOSVUSB
3.9V
2.6V
VDC
VUSB
OVPVDC
IMIN
1.25V
REFERENCE
EN
GND
CHG
PPR
REN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com