Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # API9221
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 1 Page - Diodes Incorporated

  API9221_16 Datasheet HTML 1Page - Diodes Incorporated API9221_16 Datasheet HTML 2Page - Diodes Incorporated API9221_16 Datasheet HTML 3Page - Diodes Incorporated API9221_16 Datasheet HTML 4Page - Diodes Incorporated API9221_16 Datasheet HTML 5Page - Diodes Incorporated API9221_16 Datasheet HTML 6Page - Diodes Incorporated API9221_16 Datasheet HTML 7Page - Diodes Incorporated API9221_16 Datasheet HTML 8Page - Diodes Incorporated API9221_16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
1 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER
WITH OVP USB BYPASS AND 10mA LDO
Description
The API9221 has two supply inputs for highly integrated
portable applications, enabling charging from a USB host,
wall adapter, or car adapter.
The PPR pin indicates to a host controller that a safe and
valid supply is connected to either VUSB or VDC. The
higher charge current option from VDC will take priority if
both supplies are connected.
The host controller can
control the state of charging via the enable pin EN. The
API9221 implements the constant current/constant voltage
(CC/CV) charge algorithm for Lithium based battery cells.
The connected cell will be charged to 4.2V with an
accuracy of 1% over the entire temperature range.
The
termination current is programmable via an external
resistor, RIMIN.
The CHG pin indicates when the termination current is
reached, and is reset by
EN , power off, or battery below
3.9V. The maximum charge current can be programmed
independently via the resistors RIUSB and RIVDC.
The API9221 comes with several protection features. To
prevent system damage, the VUSB pin uses over voltage
protection (OVP) at 5.4V, and the VDC OVP is at 6.9V.
Above these levels, the non-operating device is protected
against damage up to 28V. For control and system start-up
the API9221 has a current limited linear regulator.
To protect the chip against excessive power dissipation,
temperature monitoring is integrated, which folds back the
current to a safe level. As the temperature rises, this fold-
back begins at +125°C without completely interrupting
charging.
Applications
Handheld Consumer Devices
Cell Phones, PDAs, MP3 Players
Handheld Test Equipment
Digital Still Cameras
Multimedia Players
Pin Assignments
VDC
VUSB
PPR
CHG
EN
IMIN
VDC_LDO
BAT
USB_BYP
IVDC
GND
IUSB
(Top View)
U-DFN4030-12
1
2
3
4
5
6
12
11
10
9
8
7
Exposed Pad
Features
Linear Lithium Ion / Lithium Polymer charging IC
Supplied from USB Host or Car/Wall Adapter
Overvoltage Protection USB: 5.4V, Wall:6.9V
Supply Inputs Safe up to 28V
Fast Charging with Maximum Current of 1.2A
Integrated Linear Regulator of 4.9V at 10mA with
Current Limit
Separate Resistor-Programmable Charging
Current for Wall and USB
Resistor Programmable End-Of-Charge
Current Limit on USB Bypass Path
Indicator Pins for Charging and Power Present
Enable Pin to Enable Host Control Charging
Reverse Current Protection
Thermal Protection
U-DFN4030-12
: Available in “Green” Molding Compound
(No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
NOT RECOMMENDED FOR NEW DESIGN
NO ALTERNATE PART


Similar Part No. - API9221_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
API9221FCG DIODES-API9221FCG Datasheet
295Kb / 17P
Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
More results

Similar Description - API9221_16

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
2007.01.1.2
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Intersil Corporation
ISL9221 INTERSIL-ISL9221 Datasheet
244Kb / 11P
Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
USB-Friendly Lithium-Ion Battery Charger
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
USB-Friendly Lithium-Ion Battery Charger
logo
Renesas Technology Corp
ISL9221 RENESAS-ISL9221 Datasheet
606Kb / 11P
Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
USB-Compatible Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com