Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # API9221
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 4 Page - Diodes Incorporated

  API9221_16 Datasheet HTML 1Page - Diodes Incorporated API9221_16 Datasheet HTML 2Page - Diodes Incorporated API9221_16 Datasheet HTML 3Page - Diodes Incorporated API9221_16 Datasheet HTML 4Page - Diodes Incorporated API9221_16 Datasheet HTML 5Page - Diodes Incorporated API9221_16 Datasheet HTML 6Page - Diodes Incorporated API9221_16 Datasheet HTML 7Page - Diodes Incorporated API9221_16 Datasheet HTML 8Page - Diodes Incorporated API9221_16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
4 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
-
VDC, VUSB to GND
-0.3 to 28V
V
-
EN , IMIN, IVDC, IUSB, BAT
-0.3 to 7V
V
-
USB_BYP, VDC_LDO
-0.3 to 7V
V
-
CHG, PPR
-0.3 to 7V
V
ESD Susceptibility (Note 4)
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
Thermal Resistance (Note 5)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
41
°C/W
θJC
Junction to Case
3.5
Recommended Operating Conditions (Note 6)
Symbol
Parameter
Rating
Unit
-
Ambient Temperature Range
-40 to +85
°C
VUSB
Supply Voltage (VUSB)
4.5 to 5.3
V
VDC
Supply Voltage (VDC)
4.5 to 6.7
V
IVDC_CHRG
Typical Adapter Charge Current
0.1 to 1.2
A
IUSB_CHRG
Typical USB Charge Current
46.5 to 465
mA
IUSB-BYP
Typical USB Bypass Current
0 to 200
mA
ILDO
Typical LDO Current
0 to 10
mA
Notes:
4. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting this device.
5. Test condition for U-DFN4030-12:
Measured on approximately 1” square of 1 oz copper.
6. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com