Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # API9221
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button API9221_16 Datasheet HTML 8Page - Diodes Incorporated API9221_16 Datasheet HTML 9Page - Diodes Incorporated API9221_16 Datasheet HTML 10Page - Diodes Incorporated API9221_16 Datasheet HTML 11Page - Diodes Incorporated API9221_16 Datasheet HTML 12Page - Diodes Incorporated API9221_16 Datasheet HTML 13Page - Diodes Incorporated API9221_16 Datasheet HTML 14Page - Diodes Incorporated API9221_16 Datasheet HTML 15Page - Diodes Incorporated API9221_16 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
14 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Package Outline Dimensions (All Dimensions in mm)
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN4030-12
Suggested Pad Layout (All Dimensions in mm)
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN4030-12
U-DFN4030-12
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
3.95
4.05
4.00
D2
3.20
3.40
3.30
e
-
-
0.50
E
2.95
3.05
3.00
E2
1.60
1.80
1.70
L
0.30
0.40
0.35
Z
-
-
0.625
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
2.800
X2
3.350
Y
0.600
Y1
1.750
Y2
3.400
A
A1
A3
D
e
E
D2
E2
L (12x)
b (12x)
Z (4x)
Pin1
C
X (12x)
Y1
Y2
Y (12x)
X2
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com