Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87312VF Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 35Page - National Semiconductor (TI) PC87312VF Datasheet HTML 36Page - National Semiconductor (TI) PC87312VF Datasheet HTML 37Page - National Semiconductor (TI) PC87312VF Datasheet HTML 38Page - National Semiconductor (TI) PC87312VF Datasheet HTML 39Page - National Semiconductor (TI) PC87312VF Datasheet HTML 40Page - National Semiconductor (TI) PC87312VF Datasheet HTML 41Page - National Semiconductor (TI) PC87312VF Datasheet HTML 42Page - National Semiconductor (TI) PC87312VF Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
40 FDC Command Set Description (Continued)
TABLE 4-14 Motor Off Time (MFT) Values
Data Rate
Mode 1 (TMR e 0)
Mode 2 (TMR e 1)
Units
Value
Range
Value
Range
1 Mbs
MFT c 8
8 – 128
MFT c 512
512 – 8192
ms
500 kbs
MFT c 16
16 – 256
MFT c 512
512 – 8192
ms
300 kbs
MFT c 803
267 – 427
MFT c 25603
853 – 13653
ms
250 kbs
MFT c 32
32 – 512
MFT c 1024
1024 – 16384
ms
Note
Motor Off Time e 0 is treated as MFT e 16
TABLE 4-15 Motor On Time (MNT) Values
Data Rate
Mode 1 (TMR e 0)
Mode 2 (TMR e 1)
Units
Value
Range
Value
Range
1 Mbs
MNT
1 – 128
MNT c 32
32 – 4096
ms
500 kbs
MNT
1 – 128
MNT c 32
32 – 4096
ms
300 kbs
MNT c 103
33 – 427
MNT c 1603
53 – 6827
ms
250 kbs
MNT c 4
4 – 512
MNT c 64
64 – 8192
ms
Note
Motor On Time e 0 is treated as MNT e 128
DMA
This bit selects the data transfer mode in the Execu-
tion Phase of a read write or scan operation
0 e
DMA mode is selected
1 e
Non-DMA mode is selected
4221 Verify Command
The Verify command reads logical sectors containing a Nor-
mal Data AM from the selected drive without transferring
the data to the host This command is identical to the Read
Data command except that no data is transferred during
the Execution Phase
The Verify command is designed for post-format or post-
write verification Data is read from the disk as the control-
ler checks for valid Address Marks in the Address and Data
Fields The CRC is computed and checked against the pre-
viously stored value on the disk The EOT value should be
set to the final sector to be checked on each side If EOT is
greater than the number of sectors per side the command
will terminate with an error and no useful Address Mark or
CRC data will be given
The TC pin cannot be used to terminate this command
since no data is transferred The command can simulate a
TC by setting the EC bit to a 1 In this case the command
will terminate when SC (Sector Count) sectors have been
read (If SC e 0 then 256 sectors will be verified) If EC e
0 then the command will terminate when EOT is equal to
the last sector to be checked In this case the Data Length
parameter should be set to FF hex Refer to Table 4-7 for
the Result Phase values for a successful completion of the
command Also see Table 4-16 for further explanation of
the result bytes with respect to the MT and EC bits
4222 Version Command
The Version command can be used to determine the floppy
controller being used The Result Phase uniquely identifies
the floppy controller version The FDC returns a value of
90 hex in order to be compatible with the 82077 The
DP8473 and other NEC765 compatible controllers will re-
turn a value of 80 hex (invalid command)
4223 Write Data Command
The Write Data command receives data from the host and
writes logical sectors containing a Normal Data AM to the
selected drive The operation of this command is similar to
the Read Data command except that the data is transferred
from the mP to the controller instead of the other way
around
The controller will simulate the Motor On time before start-
ing the operation If implied seeks are enabled the seek and
sense interrupt functions are then performed The controller
then starts the Data Separator and waits for the Data Sepa-
rator to find the next sector Address Field The controller
compares the Address ID (track head sector bytes per
sector) with the desired ID specified in the Command
Phase If there is no match the controller waits to find the
next sector Address Field This process continues until the
desired sector is found If an error condition occurs the IC
bits in ST0 are set to Abnormal Termination and the con-
troller enters the Result Phase Possible errors are
1 The mP aborted the command by writing to the FIFO If
there is no disk in the drive the controller will hang up
The mP must then take the controller out of this hung
state by writing a byte to the FIFO This will put the con-
troller into the Result Phase
2 Two index pulses were detected since the search began
and no valid ID has been found If the track address ID
differs the WT bit or BT bit (if the track address is FF hex)
will be set in ST2 If the head sector or bytes per sector
code did not match the ND bit is set in ST1 If the Ad-
dress Field AM was never found the MA bit is set in ST1
3 The Address Field was found with a CRC error The CE
bit is set in ST1
4 If the controller detects the Write Protect disk interface
input is asserted bit 1 of ST1 is set
If the correct Address Field is found the controller waits for
all (conventional mode) or part (perpendicular mode) of
GAP2 to pass The controller will then write the preamble
field address marks and data bytes to the Data Field The
data bytes are transferred to the controller by the mP
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com