Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87312VF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87312VF Datasheet HTML 1Page - National Semiconductor (TI) PC87312VF Datasheet HTML 2Page - National Semiconductor (TI) PC87312VF Datasheet HTML 3Page - National Semiconductor (TI) PC87312VF Datasheet HTML 4Page - National Semiconductor (TI) PC87312VF Datasheet HTML 5Page - National Semiconductor (TI) PC87312VF Datasheet HTML 6Page - National Semiconductor (TI) PC87312VF Datasheet HTML 7Page - National Semiconductor (TI) PC87312VF Datasheet HTML 8Page - National Semiconductor (TI) PC87312VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
Table of Contents
10 PIN DESCRIPTION
6
20 CONFIGURATION REGISTERS
12
21 Overview
12
22 Software Configuration
12
23 Hardware Configuration
12
24 Index and Data Registers
14
25 Base Configuration Registers
14
251 Function Enable Register (FER)
14
252 Function Address Register (FAR)
16
253 Power and Test Register (PTR)
16
26 Power Down Options
16
27 Power Up Procedure and Considerations
17
271 Crystal Stabilization
17
272 UART Power-Up
17
273 FDC Power-Up
17
30 FDC REGISTER DESCRIPTION
17
31 Status Register A (SRA)
18
311 SRAPS2 Mode
19
312 SRAModel 30 Mode
19
32 Status Register B (SRB)
19
321 SRBPS2 Mode
19
322 SRBModel 30 Mode
19
33 Digital Output Register (DOR)
20
34 Tape Drive Register (TDR)
20
35 Main Status Register (MSR)
20
36 Data Rate Select Register (DSR)
21
37 Data Register (FIFO)
22
38 Digital Input Register (DIR)
22
381 DIRPC-AT Mode
22
382 DIRPS2 Mode
22
383 DIRModel 30 Mode
22
39 Configuration Control Register (CCR)
23
391 CCRPC-AT and PS2 Modes
23
392 CCRModel 30 Mode
23
310 Result Phase Status Registers
23
3101 Status Register 0 (ST0)
23
3102 Status Register 1 (ST1)
23
3103 Status Register 2 (ST2)
24
3104 Status Register 3 (ST3)
24
40 FDC COMMAND SET DESCRIPTION
24
41 Command Set Summary
24
42 Command Description
28
421 Configure Command
28
422 Dumpreg Command
29
423 Format Track Command29
424 Invalid Command
32
425 Lock Command
32
426 Mode Command
32
427 NSC Command
33
428 Perpendicular Mode Command
33
429 Read Data Command
34
4210 Read Deleted Data Command
36
4211 Read ID Command
36
4212 Read A Track Command
36
4213 Recalibrate Command
36
4214 Relative Seek Command
36
4215 Scan Commands37
4216 Seek Command37
4217 Sense Drive Status Command
37
4218 Sense Interrupt Command
37
4219 Set Track Command38
4220 Specify Command38
4221 Verify Command
39
4222 Version Command
39
4223 Write Data Command
39
4224 Write Deleted Data Command
40
50 FDC FUNCTIONAL DESCRIPTION
40
51 Microprocessor Interface
40
52 Modes of Operation
41
53 Controller Phases
41
531 Command Phase
41
532 Execution Phase
41
5321 DMA ModeFIFO Disabled
41
5322 DMA ModeFIFO Enabled
42
5323 Interrupt ModeFIFO Disabled
42
5324 Interrupt ModeFIFO Enabled
43
5325 Software Polling
43
533 Result Phase
43
534 Idle Phase
43
535 Drive Polling Phase
43
54 Data Separator
43
55 Crystal Oscillator
45
56 Perpendicular Recording Mode
46
57 Data Rate Selection
47
58 Write Precompensation
47
59 FDC Low Power Mode Logic
47
510 Reset Operation
47
60 SERIAL PORTS
48
61 Introduction
48
62 PC87311A Serial Ports
48
621 Serial Port Registers
48
622 Line Control Register (LCR)
48
623 Programmable Baud Rate Generator
51
624 Line Status Register (LSR)
51
625 Interrupt Identification Register (IIR)
52
626 Interrupt Enable Register (IER)
52
627 MODEM Control Register (MCR)
52
628 MODEM Status Register (MSR)
53
629 Scratchpad Register (SCR)
53
63 PC87312 Serial Ports
53
631 Serial Port Registers
53
632 Line Control Register (LCR)
53
633 Programmable Baud Rate Generator
56
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com