Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87312VF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87312VF Datasheet HTML 1Page - National Semiconductor (TI) PC87312VF Datasheet HTML 2Page - National Semiconductor (TI) PC87312VF Datasheet HTML 3Page - National Semiconductor (TI) PC87312VF Datasheet HTML 4Page - National Semiconductor (TI) PC87312VF Datasheet HTML 5Page - National Semiconductor (TI) PC87312VF Datasheet HTML 6Page - National Semiconductor (TI) PC87312VF Datasheet HTML 7Page - National Semiconductor (TI) PC87312VF Datasheet HTML 8Page - National Semiconductor (TI) PC87312VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
TLF11362
October 1993
PC87311APC87312 (SuperIO
TM IIIII)
Floppy Disk Controller with Dual UARTs
Parallel Port and IDE Interface
General Description
The PC87311A12 incorporates a floppy disk controller
(FDC) two full function UARTs a bidirectional parallel port
and IDE interface control logic in one chip The PC87311A
includes standard ATXT address decoding for on-chip
functions and a Configuration Register offering a single
chip solution to the most commonly used IBM
PC
PC-XT
and PC-AT
peripherals The PC87312 includes
standard AT address decoding for on-chip functions and a
Configuration Register set offering a single chip solution to
the most commonly used ISA EISA and Micro Channel pe-
ripherals
The on-chip FDC is software compatible to the PC8477
which contains a superset of the DP8473 and NEC mPD765
and the N82077 floppy disk controller functions The on-
chip analog data separator requires no external compo-
nents and supports the 4 Mb drive format as well as the
other standard floppy drives used with 525
and 35
me-
dia
In the PC87311A
the UARTs are equivalent to two
INS8250N-Bs or NS16450s The bidirectional parallel port
maintains complete compatibility with the IBM PC XT and
AT In the PC87312 the UARTs are equivalent to two
NS16450s or PC16550s The bidirectional parallel port
maintains complete compatibility with the ISA EISA and Mi-
cro Channel parallel ports
The IDE control logic provides a complete IDE interface ex-
cept for the signal buffers The Configuration Registers con-
sist of three byte-wide registers An Index and a Data Regis-
ter which can be relocated within the ISA IO address space
access the Configuration Registers
Features
Y
100% compatible with IBM PC XT and AT architec-
tures (PC87311A) or ISA EISA and Micro Channel ar-
chitectures (PC87312)
Y
FDC
Software compatible with the DP8473 the 765A and
the N82077
16-byte FIFO (default disabled)
Burst and Non-Burst modes
Perpendicular Recording drive support
High performance internal analog data separator (no
external filter components required)
Low power CMOS with power down mode
Y
UARTs
Software compatible with the INS8250N-B and the
NS16450 (PC87311A) or PC16550A and PC16450
(PC87312)
Y
Parallel Port
Bidirectional under either software or hardware
control
Compatible with all IBM PC XT and AT architectures
(PC87311A) or all ISA EISA and Micro Channel ar-
chitectures (PC87312)
Back Voltage protection circuit against damage
caused when printer is powered up
Y
IDE Control Logic
Provides a complete IDE interface except for option-
al buffers
Y
Address Decoder
Provides selection of all primary and secondary ISA
addresses including COM 1 – 4
Y
100-pin PQFP package
The PC87311A and PC87312 are pin compatible
Block Diagram
TLF11362 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
SuperIOTM is a trademark of National Semiconductor Corporation
IBM
PC
PC-AT
PC-XT
and PS2
are registered trademarks of International Business Machines Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - PC87312VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87317 NSC-PC87317 Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
More results

Similar Description - PC87312VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87332VLJ NSC-PC87332VLJ Datasheet
887Kb / 98P
PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com