Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87312VF Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 17Page - National Semiconductor (TI) PC87312VF Datasheet HTML 18Page - National Semiconductor (TI) PC87312VF Datasheet HTML 19Page - National Semiconductor (TI) PC87312VF Datasheet HTML 20Page - National Semiconductor (TI) PC87312VF Datasheet HTML 21Page - National Semiconductor (TI) PC87312VF Datasheet HTML 22Page - National Semiconductor (TI) PC87312VF Datasheet HTML 23Page - National Semiconductor (TI) PC87312VF Datasheet HTML 24Page - National Semiconductor (TI) PC87312VF Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
30 FDC Register Description (Continued)
After a hardware or software reset or recovery from a pow-
er down state the Main Status Register is immediately avail-
able to be read by the mP It will contain a value of 00 hex
until the oscillator circuit has stabilized and the internal reg-
isters have been initialized When the FDC is ready to re-
ceive a new command it will report an 80 hex to the mP
The system software can poll the MSR until it is ready The
worst case time allowed for the MSR to report an 80 hex
value (RQM set) is 25 ms after reset or power up
MSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
RQM
DIO
NON
CMD
DRV3
DRV2
DRV1
DRV0
DMA
PROG
BUSY
BUSY
BUSY
BUSY
RESET
0
0
0
0
0000
COND
D7
Request for Master
Indicates that the controller is
ready to send or receive data from the mP through
the FIFO This bit is cleared immediately after a byte
transfer and will become set again as soon as the
disk controller is ready for the next byte During a
Non-DMA Execution phase the RQM indicates the
status of the interrupt pin
D6
Data IO (Direction)
Indicates whether the con-
troller is expecting a byte to be written to (0) or read
from (1) the Data Register
D5
Non-DMA Execution
Indicates that the controller
is in the Execution Phase of a byte transfer opera-
tion in the Non-DMA mode Used for multiple byte
transfers by the mP in the Execution Phase through
interrupts or software polling
D4
Command in Progress
This bit is set after the first
byte of the Command Phase is written This bit is
cleared after the last byte of the Result Phase is
read If there is no Result Phase in a command the
bit is cleared after the last byte of the Command
Phase is written
D3
Drive 3 Busy
Set after the last byte of the Com-
mand Phase of a Seek or Recalibrate command is
issued for drive 3 Cleared after reading the first
byte in the Result Phase of the Sense Interrupt
Command for this drive
D2
Drive 2 Busy
Same as above for drive 2
D1
Drive 1 Busy
Same as above for drive 1
D0
Drive 0 Busy
Same as above for drive 0
36 DATA RATE SELECT REGISTER (DSR)
Write Only
This write-only register is used to program the data rate
amount of write precompensation power down mode and
software reset The data rate is programmed via the CCR
not the DSR for PC-AT and PS2 Model 30 and MicroChan-
nel applications Other applications can set the data rate in
the DSR The data rate of the floppy controller is deter-
mined by the most recent write to either the DSR or CCR
The DSR is unaffected by a software reset A hardware re-
set will set the DSR to 02 (hex) which corresponds to the
default precompensation setting and 250 kbs
DSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
SW
LOW
0
PRE-
PRE-
PRE-
DRATE1 DRATE0
RESET POWER
COMP2 COMP1 COMP0
RESET
00
0
0
00
1
0
COND
D7
Software Reset
This bit has the same function as
the DOR RESET (D2) except that this software re-
set is self-clearing
D6
Low Power
A 1 to this bit will put the controller into
the Manual Low Power mode The oscillator and
data separator circuits will be turned off Manual
Low Power can also be accessed via the Mode
command The chip will come out of low power after
a software reset or access to the Data Register or
Main Status Register
D5
Undefined Should be set to 0
D4 – D2 Precompensation Select
These three bits select
the amount of write precompensation the floppy
controller will use on the WDATA disk interface out-
put Table 3-4 shows the amount of precompensa-
tion used for each bit pattern In most cases the
default values (Table 3-5) can be used however
alternate values can be chosen for specific types of
drives and media Track 0 is the default starting
track number for precompensation The starting
track number can be changed in the Configure com-
mand
TABLE 3-4 Write Precompensation Delays
Precomp 432
Precompensation Delay
111
00 ns
001
417 ns
010
833 ns
011
1250 ns
100
1667 ns
101
2083 ns
110
2500 ns
000
DEFAULT
TABLE 3-5 Default Precompensation Delays
Data Rate
Precompensation Delay
1 Mbs
417 ns
500 kbs
1250 ns
300 kbs
1250 ns
250 kbs
1250 ns
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com