Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87312VF Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 42Page - National Semiconductor (TI) PC87312VF Datasheet HTML 43Page - National Semiconductor (TI) PC87312VF Datasheet HTML 44Page - National Semiconductor (TI) PC87312VF Datasheet HTML 45Page - National Semiconductor (TI) PC87312VF Datasheet HTML 46Page - National Semiconductor (TI) PC87312VF Datasheet HTML 47Page - National Semiconductor (TI) PC87312VF Datasheet HTML 48Page - National Semiconductor (TI) PC87312VF Datasheet HTML 49Page - National Semiconductor (TI) PC87312VF Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
50 FDC Functional Description (Continued)
04V The controller should be configured so that the exter-
nal oscillator clock is input into the X1OSC pin and XTAL2
is left unconnected
56 PERPENDICULAR RECORDING MODE
The FDC is fully compatible with perpendicular recording
mode disk drives at all data rates These perpendicular
mode drives are also called 4 Mbyte (unformatted) or
288 Mbyte (formatted) drives which refers to their maxi-
mum storage capacity Perpendicular recording will orient
the magnetic flux changes (which represent bits) vertically
on the disk surface allowing for a higher recording density
than the conventional longitudinal recording methods With
this increase in recording density comes an increase in the
data rate of up to 1 Mbs thus doubling the storage capaci-
ty In addition the perpendicular 288M drive is readwrite
compatible with 144M and 720k diskettes (500 kbs and
250 kbs respectively)
The 288M drive has unique format and write data timing
requirements due to its readwrite head and pre-erase head
design (see
Figure 5-4 ) Unlike conventional disk drives
which have only a readwrite head the 288M drive has
both a pre-erase head and readwrite head With conven-
tional disk drives the readwrite head by itself is able to
rewrite the disk without problems For 288M drives a pre-
erase head is needed to erase the magnetic flux on the disk
surface before the readwrite can write to the disk surface
The pre-erase head is activated during disk write operations
only ie Format and Write Data commands
In 288M drives the pre-erase head leads the readwrite
head by 200 mm which translates to 38 bytes at 1 Mbs (19
bytes at 500 kbs) For both conventional and perpendicular
drives WGATE is asserted with respect to the position of
the readwrite head With conventional drives this means
that WGATE is asserted when the readwrite head is locat-
ed at the beginning of the Data Field preamble With the
TLF11362 – 11
FIGURE 5-3 Read Data AlgorithmState Diagram
TLF11362 – 12
FIGURE 5-4 Perpendicular Recording Drive RW Head and Pre-Erase Head
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com