Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 28Page - National Semiconductor (TI) PC87311 Datasheet HTML 29Page - National Semiconductor (TI) PC87311 Datasheet HTML 30Page - National Semiconductor (TI) PC87311 Datasheet HTML 31Page - National Semiconductor (TI) PC87311 Datasheet HTML 32Page - National Semiconductor (TI) PC87311 Datasheet HTML 33Page - National Semiconductor (TI) PC87311 Datasheet HTML 34Page - National Semiconductor (TI) PC87311 Datasheet HTML 35Page - National Semiconductor (TI) PC87311 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
40 FDC Command Set Description (Continued)
424 Invalid Command
If an invalid command (Illegal Opcode byte in the Command
Phase) is received by the controller the controller will re-
spond with ST0 in the Result Phase The controller does not
generate an interrupt during this condition Bits 6 and 7 in
the MSR are both set to a 1 indicating to the mP that the
controller is in the Result Phase and the contents of ST0
must be read The system will read an 80 (hex) value from
ST0 indicating an invalid command was received
425 Lock Command
The Lock command allows the user full control of the FIFO
parameters after a software reset If the LOCK bit is set to 1
then the FIFO THRESH and PRETRK bits in the Configure
command are not affected by a software reset In addition
the FWR FRD and BST bits in the Mode command will be
unaffected by a software reset If the LOCK is 0 (default
after a hardware reset) then the above bits will be set to
their default values after a software reset This command is
useful if the system designer wishes to keep the FIFO en-
abled and retain the other FIFO parameter values (such as
THRESH) after a software reset
After the command byte is written the result byte must be
read before continuing to the next command The execution
of the Lock command is not performed until the result byte
is read by the mP If the part is reset after the command byte
is written but before the result byte is read then the Lock
command execution will not be performed This is done to
prevent accidental execution of the Lock command
426 Mode Command
This command is used to select the special features of the
controller The bits for the Command Phase bytes are
shown in Section 41 Command Set Summary and their
function is described below These bits are set to their de-
fault values after a hardware reset The default value of
each bit is denoted by a ‘‘bullet’’ to the left of each item The
value of each parameter after a software reset will be ex-
plained
TMR
Motor Timer mode Default after a software reset
 0 e Timers for motor on and motor off are defined for
Mode 1 (See Specify command) (default)
1 e
Timers for motor on and motor off are defined for
Mode 2 (See Specify command)
IAF
Index Address Format Default after a software reset
 0 e The controller will format tracks with the Index Ad-
dress Field included (IBM and Perpendicular format)
1 e
The controller will format tracks without including the
Index Address Field (ISO format)
IPS
Implied Seek Default after a software reset
 0 e The implied seek bit in the command byte of a read
write scan or verify is ignored Implied seeks could
still be enabled by the EIS bit in the Configure com-
mand
1 e
The IPS bit in the command byte of a read write
scan or verify is enabled so that if it is set the con-
troller will perform seek and sense interrupt opera-
tions before executing the command
LOW PWR
Low Power mode Default after a software re-
set
 00 e Completely disable the low power mode (default)
01 e
Automatic low power Go into low power mode
512 ms after the head unload timer times out (This
assumes a 500 kbs data rate) For 250 kbs the
timeout period is doubled to 1 ms
10 e
Manual low power Go into low power mode now
11 e
Not used
ETR
Extended Track Range Default after a software reset
 0 e Track number is stored as a standard 8-bit value
compatible with the IBM ISO and Perpendicular for-
mats This will allow access of up to 256 tracks dur-
ing a seek operation
1 e
Track number is stored as a 12-bit value The upper
four bits of the track value are stored in the upper
four bits of the head number in the sector Address
Field This allows access of up to 4096 tracks during
a seek operation With this bit set an extra byte is
required in the Seek Command Phase and Sense In-
terrupt Result Phase
FWR
FIFO Write Disable for mP write transfers to control-
ler Default after a software reset if LOCK is 0 If LOCK is 1
FWR will retain its value after a software reset
Note
This bit is only valid if the FIFO is enabled in the Configure command
If the FIFO is not enabled in the Configure command then this bit is a
don’t care
 0 e Enable FIFO Execution Phase mP write transfers use
the internal FIFO (default)
1 e
Disable FIFO All write data transfers take place with-
out the FIFO
FRD
FIFO Read Disable for mP read transfers from control-
ler Default after a software reset if LOCK is 0 If LOCK is 1
FRD will retain its value after a software reset
Note
This bit is only valid if the FIFO is enabled in the Configure command
If the FIFO is not enabled in the Configure command then this bit is a
don’t care
 0 e Enable FIFO Execution Phase mP read transfers use
the internal FIFO (default)
1 e
Disable FIFO All read data transfers take place with-
out the FIFO
BST
Burst Mode Disable Default after a software reset if
LOCK is 0 If LOCK is 1 BST will retain its value after a
software reset
Note
This bit is only valid if the FIFO is enabled in the Configure command
If the FIFO is not enabled in the Configure command then this bit is a
don’t care
 0 e Burst mode enabled for FIFO Execution Phase data
transfers (default)
1 e
Non-Burst mode enabled The DRQ or IRQ6 pin will
be strobed once for each byte to be transferred while
the FIFO is enabled
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com