Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 12Page - National Semiconductor (TI) PC87311 Datasheet HTML 13Page - National Semiconductor (TI) PC87311 Datasheet HTML 14Page - National Semiconductor (TI) PC87311 Datasheet HTML 15Page - National Semiconductor (TI) PC87311 Datasheet HTML 16Page - National Semiconductor (TI) PC87311 Datasheet HTML 17Page - National Semiconductor (TI) PC87311 Datasheet HTML 18Page - National Semiconductor (TI) PC87311 Datasheet HTML 19Page - National Semiconductor (TI) PC87311 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
20 Configuration Registers (Continued)
252 Function Address Register (FAR Index e 1)
This register selects the ISA IO address range to which
each peripheral function will respond
Bits 01
These bits select the parallel port address as
shown in Table 2-5
TABLE 2-5 Parallel Port Addresses
Bit
1
Bit
0
Address
Parallel
Port
Interrupt
AT
Interrupt
XT
0
0
LPT2 (378 – 37F)
IRQ5 (Note)
IRQ7
0
1
LPT1 (3BC – 3BE)
IRQ7
IRQ7
1
0
LPT3 (278 – 27F)
IRQ5
IRQ7
1
1
Reserved
TRI-STATE
TRI-STATE
(CTR4 e 0)
(CTR4 e 0)
Note
The interrupt assigned to this address can be changed to IRQ7 by
setting Bit 3 of the power and test register
Bits 2–5
These bits determine which ISA IO address range
is associated with each UART (see Tables 2-6a
2-6b)
TABLE 2-6a COM Port Selection for UART1
FAR
UART1
Bit 3
Bit 2
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2 – 7)
1
1
4 (Table 2 – 7)
TABLE 2-6b COM Port Selection for UART2
FAR
UART2
Bit 5
Bit 4
COM
00
1
01
2
10
3
11
4
Note
COM3 and COM4 addresses are determined by Bits 6 and 7
Bits 67
These bits select the addresses that will be used
for COM3 and COM4 (see Table 2-7)
TABLE 2-7 Address Selection for COM3 and COM4
Bit 7
Bit 6
COM3 IRQ4
COM4 IRQ3
0
0
3E8–Fh
2E8–Fh
0
1
338–Fh
238–Fh
1
0
2E8–Fh
2E0–7h
1
1
220–7h
228–Fh
253 Power and Test Register (PTR Index e 2)
This register determines several power down features the
power down method used when the power down pin
(PWDN) is asserted (crystal and clocks vs clocks only)
whether hardware power down is enabled and provides a
bit for software power down of all enabled functions It se-
lects whether IRQ7 or IRQ5 is associated with LPT2 It puts
the enabled UARTs into their test mode Independent of this
register the floppy disk controller can enter low power mode
via the Mode Command or the Data Rate Select Register
Bit 0
Setting this bit causes all enabled functions to be
powered down If the crystal power down option is
selected (see Bit 1) the crystal will also be powered
down All register data is retained when the crystal or
clocks are stopped
Bit 1
When the Power Down pin or Bit 0 is asserted this bit
determines whether the enabled functions will have
their internal clocks stopped (Bit 1 e 0) or the exter-
nal crystal (Bit 1 e 1) will be stopped Stopping the
crystal is the lowest power consumption state of the
part
However
if the crystal is stopped
a finite
amount of time (E8 ms) will be required for crystal
stabilization once the Power Down pin (PWDN)or
Bit 0 is deasserted If all internal clocks are stopped
but the crystal continues to oscillate no stabilization
period is required after the Power Down pin or Bit 0 is
deasserted
Bit 2
Setting this bit enables the chip select function of the
PWDN CSOUT pin Resetting this bit enables the
power down function of this pin
Bit 3
Setting this bit associates the parallel port with IRQ7
when the address for the parallel port is 378 – 37Fh
(LPT2) This bit is a ‘‘don’t care’’ when the parallel
port address is 3BC – 3BEh (LPT1) or 278 – 27Fh
(LPT3)
Bit 4
Setting this bit puts UART1 into a test mode which
causes its Baudout clock to be present on its SOUT1
pin if the Line Control Register bit 7 is set to 1
Bit 5
Setting this bit puts UART2 into a test mode which
causes its Baudout clock to be present on its SOUT2
pin if the Line Control Register bit 7 is set to 1
Bit 6
Setting this bit to a one prevents all further write ac-
cesses to the Configuration Registers Once this bit is
set by software it can only be cleared by a hardware
reset After the initial hardware reset this bit is zero
Bit 7
This bit determines the operating mode of the parallel
port If PTR7 is low then the parallel port is in Com-
patible Mode If PTR7 is high then the parallel port is
in Extended Mode This bit will be the inverse of the
state of the POE pin immediately after reset has oc-
curred PTR7 can be programmed at any time
26 POWER DOWN OPTIONS
There are various methods for entering the power down
mode All methods result in one of three possible modes
This section associates the methods of entering the power
down with the resulting mode
Mode 1
The internal clock stops for a specific function (ie
UART1 andor UART2 andor FDC)
This mode is entered by
A Clearing the FER bit for the specific function that will be
powered down See Section 251 FER bits 1 – 3
B Also during reset by setting certain CFG0 – 4 pins See
Table 2-1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com