Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 5Page - National Semiconductor (TI) PC87311 Datasheet HTML 6Page - National Semiconductor (TI) PC87311 Datasheet HTML 7Page - National Semiconductor (TI) PC87311 Datasheet HTML 8Page - National Semiconductor (TI) PC87311 Datasheet HTML 9Page - National Semiconductor (TI) PC87311 Datasheet HTML 10Page - National Semiconductor (TI) PC87311 Datasheet HTML 11Page - National Semiconductor (TI) PC87311 Datasheet HTML 12Page - National Semiconductor (TI) PC87311 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
IDENT
54
I
Identity
During chip reset the IDENT and MFM pins are sampled to determine the mode of operation
according to the following table
IDENT
MFM
MODE
1
1 or NC
PC-AT Mode
1
0
Illegal
0
1 or NC
PS2 Mode
0
0
Model 30 Mode
AT Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B are
disabled (TRI-STATE)
Model 30 Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B
are enabled
PS2 Mode
The DMA enable bit in the DOR is a don’t care and the DRQ and IRQ6 signals will always
be enabled TC is active low Status Registers A and B are enabled
After chip reset the state of IDENT determines the polarity of the DENSEL output
When IDENT is a logic ‘‘1’’ DENSEL is active high for the 500 kbs1 Mbs data rates
When IDENT is a logic ‘‘0’’ DENSEL is active low for the 500 kbs1 Mbs data rates
(See Mode command for further explanation of DENSEL)
INDEX
47
I
Index
This input signals the beginning of a FDD track
INIT
80
O
Initialize
When this signal is low it causes the printer to be initialized This pin will be in a TRI-STATE
condition 10 ns after a zero is loaded into the corresponding Control Register bit The system should pull
this pin high using a 47 kX resistor
IOCS16
59
I
IO Chip Select 16-Bit
This input will be driven by the peripheral device when it can accommodate a
16-bit access
IRQ34
1 100
O
Interrupt 3 and 4
These are active high interrupts associated with the serial ports IRQ3 presents the
signal if the serial channel has been designated as COM2 or COM4 IRQ4 presents the signal if the serial
port is designated as COM1 or COM3 The appropriate interrupt goes active whenever it is enabled via
IER the associated Interrupt Enable bit (Modem Control Register bit 3 MCR3) and any of the following
conditions are active Receiver Error Receive Data available Transmitter Holding Register Empty or a
Modem Status Flag is set The interrupt is reset low (inactive) after the appropriate interrupt service
routine is executed after being disabled via the IER or after a Master Reset Either interrupt can be
disabled putting them into TRI-STATE by setting the MCR3 bit low
IRQ5
98
O
Interrupt 5
Active high output that indicates a parallel port interrupt When enabled this bit follows the
ACK signal input When bit 4 in the parallel port Control Register is set and the parallel port address is
designated as shown in Table 2-5 this interrupt is enabled When it is not enabled or when operating in
the XT mode this signal is TRI-STATE
IRQ6
97
O
Interrupt 6
Active high output to signal the completion of the execution phase for certain FDC
commands Also used to signal when a data transfer is ready during a Non-DMA operation When in
PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode IRQ6 is
always enabled and bit D3 of the DOR is reserved
IRQ7
96
O
Interrupt 7
Active high output that indicates a parallel port interrupt When enabled this bit follows the
ACK signal input When bit 4 in the parallel port Control Register is set and the parallel port address is
designated as shown in Table 2-5 this interrupt is enabled When it is not enabled this signal is
TRI-STATE
MR
2
I
Master Reset
Active high input that resets the controller to the idle state and resets all disk interface
outputs to their inactive states The DOR DSR CCR Mode command Configure command and Lock
command parameters are cleared to their default values The Specify command parameters are not
affected The Configuration Registers are set to their selected default values
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com