Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 44Page - National Semiconductor (TI) PC87311 Datasheet HTML 45Page - National Semiconductor (TI) PC87311 Datasheet HTML 46Page - National Semiconductor (TI) PC87311 Datasheet HTML 47Page - National Semiconductor (TI) PC87311 Datasheet HTML 48Page - National Semiconductor (TI) PC87311 Datasheet HTML 49Page - National Semiconductor (TI) PC87311 Datasheet HTML 50Page - National Semiconductor (TI) PC87311 Datasheet HTML 51Page - National Semiconductor (TI) PC87311 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
50 FDC Functional Description
(Continued)
Specify command values will be don’t cares so they must
be reinitialized The major default conditions are FIFO dis-
abled FIFO threshold e 0 Implied Seeks disabled and
Drive Polling enabled
A software reset can be performed through the Digital Out-
put Register or Data Rate Select Register The DSR reset
bit is self-clearing while the DOR reset bit is not self-clear-
ing If the LOCK bit in the Lock command was set to a 1
previous to the software reset the FIFO THRESH and
PRETRK parameters in the Configure command will be re-
tained In addition the FWR FRD and BST parameters in
the Mode command will be retained if LOCK is set to 1 This
function eliminates the need for total reinitialization of the
controller after a software reset
After a hardware (assuming the FDC is enabled in the FER)
or software reset the Main Status Register is immediately
available for read access by the mP It will return a 00 hex
value until all the internal registers have been updated and
the data separator is stabilized When the controller is ready
to receive a command byte the MSR will return a value of
80 hex (Request for Master bit is set) The MSR is guaran-
teed to return the 80 hex value within 25 ms after a hard-
ware or software reset All other user addressable registers
other than the Main Status Register and Data Register
(FIFO) can be accessed at any time even while the part is
in reset
60 Serial Ports
61 INTRODUCTION
Each of these serial ports functions as a serial data input
output interface in a microcomputer system The system
software determines the functional configuration of the
UARTs via a 8-bit bidirectional data bus
The UARTs are completely independent They perform seri-
al-to-parallel conversion on data characters received from a
peripheral device or a MODEM and parallel-to-serial con-
version on data characters received from the CPU The
CPU can read the complete status of either UART at any
time during the functional operation Status information re-
ported includes the type and condition of the transfer opera-
tions being performed by the UART as well as any error
conditions (parity overrun framing or break interrupt)
The UARTs have programmable baud rate generators that
are capable of dividing the internal reference clock by divi-
sors of 1 to (2
16 – 1) and producing a 16 x clock for driv-
ing the transmitter logic Provisions are also included to use
this 16 x clock to drive the receiver logic The UARTs have
complete MODEM-control capability and a prioritized inter-
rupt system Interrupts can be programmed to the user’s
requirements minimizing the computing required to handle
the communications link
The PC87311A UARTs can operate in the INS8250-B mode
(XT) or the NS16450 mode (AT) depending on the state of
the XTSEL pin during reset
62 PC87311A SERIAL PORTS
621 Serial Port Registers
Two identical register sets one for each channel are in the
PC87311A All register descriptions in this section apply to
the register sets in both channels
TABLE 6-1 PC87311A UART
Register Addresses (AEN e 0)
DLAB
A2
A1
A0
Selected Register
1
0
0
0
0
Receiver Buffer (Read)
Transmitter Holding (Write)
0
0
0
1
Interrupt Enable
0
0
1
0
Interrupt Identification (Read)
X
0
1
1
Line Control
X
1
0
0
MODEM Control
X
1
0
1
Line Status
X
1
1
0
MODEM Status
X
1
1
1
Scratch (Note 1)
1
0
0
0
Divisor Latch
(Least Significant Byte)
1
0
0
1
Divisor Latch
(Most Significant Byte)
Note
This register is only present when operating in the AT NS16450 mode
(XTSEL is low during reset)
622 Line Control Register (LCR)
The system programmer uses the Line Control Register
(LCR) to specify the format of the asynchronous data com-
munications exchange and set the Divisor Latch Access bit
This is a read and write register Table 6-2 shows the con-
tents of the LCR Details on each bit follow
TLF11362 – 13
FIGURE 6-1 PC87311A Composite Serial Data
Bits 01
These two bits specify the number of data bits in
each transmitted or received serial character The
encoding of bits 0 and 1 is as follows
Bit 1
Bit 0
Data Length
0
0
5 Bits
0
1
6 Bits
1
0
7 Bits
1
1
8 Bits
Bit 2
This bit specifies the number of Stop bits transmit-
ted with each serial character If bit 2 is a logic 0
one Stop bit is generated in the transmitted data
If bit 2 is a logic 1 when a 5-bit data length is
selected one and a half Stop bits are generated
If bit 2 is a logic 1 when either a 6- 7- or 8-bit
word length is selected two Stop bits are generat-
ed The receiver checks the first Stop bit only re-
gardless of the number of Stop bits selected
Bit 3
This bit is the Parity Enable bit When bit 3 is a
logic 1 a Parity bit is generated (transmit data) or
checked (receive data) between the last data bit
and Stop bit of the serial data (The Parity bit is
used to produce an even or odd number of 1s
when the data bits and the Parity bit are summed)
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com