Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 14Page - National Semiconductor (TI) PC87311 Datasheet HTML 15Page - National Semiconductor (TI) PC87311 Datasheet HTML 16Page - National Semiconductor (TI) PC87311 Datasheet HTML 17Page - National Semiconductor (TI) PC87311 Datasheet HTML 18Page - National Semiconductor (TI) PC87311 Datasheet HTML 19Page - National Semiconductor (TI) PC87311 Datasheet HTML 20Page - National Semiconductor (TI) PC87311 Datasheet HTML 21Page - National Semiconductor (TI) PC87311 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
30 FDC Register Description (Continued)
TLF11362 – 4
FIGURE 3-1 FDC Functional Block Diagram
The FDC contains write precompensation circuitry that will
default to 125 ns for 250 300 and 500 kbs (4167 ns at
1 Mbs) These values can be overridden in software to
disable write precompensation or to provide levels of pre-
compensation up to 250 ns The FDC has internal 24 mA
data bus buffers which allow direct connection to the sys-
tem bus The internal 40 mA totem-pole disk interface buff-
ers are compatible with both CMOS drive inputs and 150X
resistor terminated disk drive inputs
The following FDC registers are mapped into the addresses
shown below with the base address range being provided
by the on-chip address decoder pin For PC-AT or PS2
applications the diskette controller primary address range is
3F0 to 3F7 (hex) and the secondary address range is 370
to 377 (hex) The FDC supports three different register
modes the PC-AT mode PS2 mode (Micro Channel sys-
tems) and the Model 30 mode (Model 30) See Section 51
for more details on how each register mode is enabled
When applicable the register definition for each mode of
operation will be given If no special notes are made then
the register is valid for all three register modes
TABLE 3-1 Register Description and Addresses
A2
A1 A0
IDENT
RW
Register
0
0
0
0
R
Status Register A
SRA
0
0
1
0
R
Status Register B
SRB
0
1
0
X
RW Digital Output Register
DOR
0
1
1
X
RW Tape Drive Register
TDR
1
0
0
X
R
Main Status Register
MSR
1
0
0
X
W
Data Rate Select Register
DSR
1
0
1
X
RW Data Register (FIFO)
FIFO
1
1
0
X
X
None (Bus TRI-STATE)
1
1
1
X
R
Digital Input Register
DIR
1
1
1
X
W
Configuration Control Register
CCR
Note
SRA and SRB are enabled by IDENT e 0 during a chip reset only
31 STATUS REGISTER A (SRA)
Read Only
This is a read-only diagnostic register that is part of the
PS2 floppy controller register set and is enabled when in
the PS2 or Model 30 mode This register monitors the state
of the IRQ6 pin and some of the disk interface signals The
SRA can be read at any time when in PS2 mode In the
PC-AT mode D7 – D0 are TRI-STATE during a mP read
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com