Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED001ATR
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001ATR Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED001ATR Datasheet HTML 1Page - STMicroelectronics HVLED001ATR Datasheet HTML 2Page - STMicroelectronics HVLED001ATR Datasheet HTML 3Page - STMicroelectronics HVLED001ATR Datasheet HTML 4Page - STMicroelectronics HVLED001ATR Datasheet HTML 5Page - STMicroelectronics HVLED001ATR Datasheet HTML 6Page - STMicroelectronics HVLED001ATR Datasheet HTML 7Page - STMicroelectronics HVLED001ATR Datasheet HTML 8Page - STMicroelectronics HVLED001ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
May 2016
DocID029000 Rev 2
1/30
HVLED001A
Offline controller for LED lighting with constant voltage primary-
sensing and high power factor
Datasheet
- production data
Features
 Quasi resonant (QR) topology
 Optimized output voltage accuracy at any load
(PSR mode)
 Improved transient response and startup time
 Direct optocoupler connection for current loop
regulation with feedback disconnection
detection
 800 V high voltage startup
 High power factor and low THD over wide
range of input voltage and load variations
 High efficiency and output stability over wide
voltage and current range
 Low startup and quiescent current
 Programmable minimum off-time
 Integrated input voltage detection for high
power factor capability and protection
triggering
 Latch-free device guaranteed by smart auto-
reload timer (ART)
 0-10 and PWM dimming compatible
 Remote control pin
Applications
 Single stage LED drivers with high power factor
up to 75 W
 Two stages LED drivers up to 150 W
Description
The HVLED001A is an enhanced peak current
mode controller capable of controlling high power
factor (HPF) flyback or buck-boost topologies in
LED drivers that have an output power of up to
150 W. Other topologies, such as buck, boost and
SEPIC, can also be implemented.
ST’s innovative high voltage technology allows
direct connection of the HVLED001A device to
the input voltage to start up the device and to
monitor the input voltage, without the need for
external components.
The device embeds advanced features to control
either the output voltage or the output current
precisely and reliably using a reduced number of
mainly passive components. Startup and light
load conditions are managed by dedicated
operating schemes to improve the quality of the
regulation of the output variable in the final
application. Abnormal conditions such as open
circuit, output short-circuit, input overvoltage/
undervoltage and circuit failures like open loop
and overcurrent of the main switch are effectively
controlled.
A smart auto-recover timer (ART) function is built-
in to guarantee automatic application recovery,
without loss of reliability.
SSO10
Table 1. Device summary
Order code
Package
Packaging
HVLED001A
SSO10
Tube
HVLED001ATR
Tape and reel
www.st.com


Similar Part No. - HVLED001ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
HVLED001BTR STMICROELECTRONICS-HVLED001BTR Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results

Similar Description - HVLED001ATR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92010 TI-TPS92010 Datasheet
370Kb / 19P
8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
logo
ON Semiconductor
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com