Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # HVLED001ATR
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HVLED001ATR Datasheet HTML 16Page - STMicroelectronics HVLED001ATR Datasheet HTML 17Page - STMicroelectronics HVLED001ATR Datasheet HTML 18Page - STMicroelectronics HVLED001ATR Datasheet HTML 19Page - STMicroelectronics HVLED001ATR Datasheet HTML 20Page - STMicroelectronics HVLED001ATR Datasheet HTML 21Page - STMicroelectronics HVLED001ATR Datasheet HTML 22Page - STMicroelectronics HVLED001ATR Datasheet HTML 23Page - STMicroelectronics HVLED001ATR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application information
HVLED001A
20/30
DocID029000 Rev 2
7.2.2
Feedback input
The FB pin is intended to be connected to the compensation network for the primary side
control (PSR) loop of the output voltage (see Section 7.2.4) as well as to be connected
directly to the collector of the optocoupler that provides the galvanic insulation to the
secondary side regulation control loop.
In case of constant output voltage applications, the PSR loop can be used to regulate the
output voltage saving the secondary side error amplifier.
The FB voltage is also used as an input parameter for the burst mode operation described in
Section 7.2.5.
The pin embeds a protection to prevent from the operation with a failed optocoupler.
7.2.3
Zero current detection
The zero level detection is performed by a trigger logic that, once armed (if a ZCD voltage is
higher than VZCD,arm after Tblank,min starting from GD turn-off instant), is sensitive to
falling edges. The advanced ZCD logic is able to discriminate between the normal
operation, output short-circuit or startup condition.
An internal blanking time prevents any triggering signal to activate the MOSFETs at the very
beginning of the off-time, where spurious resonances could be present. As a result, the first
falling edge occurring after the blanking time turns on the MOSFET.
To ensure a proper operation, the transformer has to be designed to guarantee that the
inductor's demagnetization time is longer than TBLANK (at VTOFF > VTOFF,fix) when the
VCS value (Equation 1) is higher than 0.7 V (typ.).
The TOFF pin is intended to select the blanking time duration. If the pin is left unconnected
a fixed blanking time is provided.
The TBLANK value depends on the TOFF voltage (Figure 9).
An internal starter provides the triggering signal whenever a valid arming signal is not
detected.
The ZCD pin embeds a negative clamp to limit the negative-going current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com