Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001ATR Datasheet(PDF) 23 Page - STMicroelectronics

Part # HVLED001ATR
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001ATR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button HVLED001ATR Datasheet HTML 19Page - STMicroelectronics HVLED001ATR Datasheet HTML 20Page - STMicroelectronics HVLED001ATR Datasheet HTML 21Page - STMicroelectronics HVLED001ATR Datasheet HTML 22Page - STMicroelectronics HVLED001ATR Datasheet HTML 23Page - STMicroelectronics HVLED001ATR Datasheet HTML 24Page - STMicroelectronics HVLED001ATR Datasheet HTML 25Page - STMicroelectronics HVLED001ATR Datasheet HTML 26Page - STMicroelectronics HVLED001ATR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID029000 Rev 2
23/30
HVLED001A
Application information
30
7.2.6
Gate driver
The output stage, connected to VCC potential and capable of the 300 mA source and
600 mA sink current, is suitable to drive high current MOSFETs. The resulting managed
power can be greater than 150 W.
7.3
IC supply management
The IC's voltage supply is managed by the UVLO circuitry together with the high voltage
startup unit and reference generators. These logics define also supply currents during
different operating conditions.
7.3.1
VCC supply management
The IC is designed to operate with a range of supply voltage to ensure optimum gate
driving. An active limiting device is embedded to prevent low energy fluctuations to bring the
VCC voltage above the technological constraints.
Both the active mode and the low consumption mode exhibit very low supply currents in
order to meet the energy saving regulation.
The VCC pin can be driven independently from the HVSU pin's connection, for example
when auxiliary supply voltage is present. In this case the HVSU pin will be used solely to
monitor input voltage.
A bulk capacitor, having a capacitance of around 10 µF, followed by a ceramic capacitor,
having a typical capacitance of 100 nF and connected very tight to the VCC pin, are
necessary to properly sustain the VCC voltage during all operating phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com