Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001ATR Datasheet(PDF) 25 Page - STMicroelectronics

Part # HVLED001ATR
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001ATR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button HVLED001ATR Datasheet HTML 21Page - STMicroelectronics HVLED001ATR Datasheet HTML 22Page - STMicroelectronics HVLED001ATR Datasheet HTML 23Page - STMicroelectronics HVLED001ATR Datasheet HTML 24Page - STMicroelectronics HVLED001ATR Datasheet HTML 25Page - STMicroelectronics HVLED001ATR Datasheet HTML 26Page - STMicroelectronics HVLED001ATR Datasheet HTML 27Page - STMicroelectronics HVLED001ATR Datasheet HTML 28Page - STMicroelectronics HVLED001ATR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DocID029000 Rev 2
25/30
HVLED001A
Application information
30
7.5
Protections
A comprehensive set of protections is embedded to ensure a high level of reliability of the
final application using a limited number of components.
7.5.1
Overcurrent protection (OCP)
To prevent any damage to active components in case of inductor's saturation the MOSFET
is immediately turned off by fast OCP protection. At this occurrence the IC temporarily
enters the stop state for a time equal to TOCP.
7.5.2
Input overvoltage protection (I-OVP)
Disturbances of the input voltage like surges or bursts may increase the voltage applied to
the transformer primary side. Worst, an excessive input voltage could be applied to the
application. These occurrences may result into MOSFET’s damages during the off state
when the drain voltage rises to Vin plus reflected voltage, eventually above the maximum
absolute rating of the MOSFET itself.
An input voltage higher than VSurge, measured by HVSU structure, immediately stops the
IC. If the extra voltage diminishes before Tsurge the device restarts immediately without
activating the startup procedure, otherwise the low consumption mode is entered until the
input voltage returns below the safety threshold. An internal hysteresis improves the noise
rejection of this feature. In the latter case the ART activates the startup procedure.
7.5.3
Brownout protection (BO)
The current sourced by the ZCD pin's negative clamp during the on time is compared to
a minimum value to determine whether the input voltage is lower than the input range
specification (brownout protection). If a value lower than IBO for a time longer than TBO,
managed by the ART, is detected the IC is stopped for Trec and then restarted.
When the protection is triggered, the ART performs the autoreloading procedure after Trec.
The brownout protection is active during the active mode, but blanked during the soft-start.
7.5.4
Optocoupler failure protection (OFP)
This protection detects either the absence of the optocoupler control (no pull-down) or the
overload condition for more than a time equal to TOFP and switches off the application
putting the device in the low consumption mode. This prevents the output power from a
rising above excessive values due to the loss of control.
The ART manages the TOFP interval and performs the auto-reloading procedure after Trec.
The OFP is active during the active mode, but blanked during the soft-start.
7.5.5
Output overvoltage protection (oOVP)
In case of the ZCD sampled voltage is well above the VREF,PSR voltage (around 3 V) OTA
provides an extra sink current ( 2 mA typ.) to the FB pin to speed up the energy transfer
reduction and limiting the output voltage overshooting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com