Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001ATR Datasheet(PDF) 18 Page - STMicroelectronics

Part # HVLED001ATR
Description  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001ATR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button HVLED001ATR Datasheet HTML 14Page - STMicroelectronics HVLED001ATR Datasheet HTML 15Page - STMicroelectronics HVLED001ATR Datasheet HTML 16Page - STMicroelectronics HVLED001ATR Datasheet HTML 17Page - STMicroelectronics HVLED001ATR Datasheet HTML 18Page - STMicroelectronics HVLED001ATR Datasheet HTML 19Page - STMicroelectronics HVLED001ATR Datasheet HTML 20Page - STMicroelectronics HVLED001ATR Datasheet HTML 21Page - STMicroelectronics HVLED001ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Application information
HVLED001A
18/30
DocID029000 Rev 2
7.1.2
Active mode
It is the normal operational mode. During this state the external MOSFET is driven
accordingly to signals coming from the application in order to regulate the desired output
parameter in the closed loop (peak current control method).
The active mode is exited when abnormal conditions are present or VCC drops below the
Vcc,su threshold. The HVSU is inactive during the active mode.
7.1.3
Stop mode
This state is intended to stop the switching activity without turning off the entire function set,
to quickly restart when abnormal or disabling conditions end. During this state the power
consumption is not minimized and the soft-start procedure is not enabled.
7.1.4
Low consumption mode
This state is intended to stop the switching activity reducing the power consumption to
a minimum level. The soft-start procedure is set to be performed when abnormal or
disabling condition is removed.
During this state the VCC is kept between VCC,su and VCC,on by the high voltage startup
unit (HVSU) delivering Icharge to the output capacitor.
Note:
IMPORTANT: The HVSU charges the VCC so any other external voltage (including
auxiliary winding) must be decoupled using a diode (e.g.: 1N4148).
7.1.5
Soft-start
The soft-start phase is entered after the startup and every time the IC exits from the low
consumption mode. This phase lasts until the voltage at the CTRL pin reaches the “end of
soft-start” level (Veoss).
The current sense maximum limit is derived from this voltage, therefore the charging time of
a capacitor placed between the CTRL pin and GND defines the soft-start time.
During this phase some protections [optocoupler failure protection (OFP), brownout (BO)
and analog disable (AN_DIS)] are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com