Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03JR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBC03JR
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03JR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBC03JR Datasheet HTML 2Page - STMicroelectronics STBC03JR Datasheet HTML 3Page - STMicroelectronics STBC03JR Datasheet HTML 4Page - STMicroelectronics STBC03JR Datasheet HTML 5Page - STMicroelectronics STBC03JR Datasheet HTML 6Page - STMicroelectronics STBC03JR Datasheet HTML 7Page - STMicroelectronics STBC03JR Datasheet HTML 8Page - STMicroelectronics STBC03JR Datasheet HTML 9Page - STMicroelectronics STBC03JR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Application schematic
STBC03
6/34
DocID029927 Rev 2
1
Application schematic
Figure 1: STBC03 application schematic
Table 1: Typical bill of material (BOM)
Symbol
Value
Description
Note
CIN
10 µF (16 V)
Input supply voltage capacitor
Ceramic type
CSYS
1 µF (10 V)
System output capacitor
Ceramic type
RISET
Refer to ISET
Charge current programming resistor
Film type
RIPRE
Refer to IPRE
Pre-charge current programming resistor
Film type
CBAT
4.7 µF (6.3 V)
Battery positive terminal capacitor
Ceramic type
RFLOAT
BATSNSFV
Floating voltage programming resistor
Film type
RDIV1, DIV2
100-
200 kΩ
Battery monitor resistor divider
Film type
RCHG
10 kΩ
Charging/fault pull-up resistor(1)
Film type
CLDO
1.0 µF (10 V)
LDO output capacitor
Ceramic type
Notes:
(1)RCHG must be calculated according to the external LED electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com