Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03JR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STBC03JR
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03JR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STBC03JR Datasheet HTML 18Page - STMicroelectronics STBC03JR Datasheet HTML 19Page - STMicroelectronics STBC03JR Datasheet HTML 20Page - STMicroelectronics STBC03JR Datasheet HTML 21Page - STMicroelectronics STBC03JR Datasheet HTML 22Page - STMicroelectronics STBC03JR Datasheet HTML 23Page - STMicroelectronics STBC03JR Datasheet HTML 24Page - STMicroelectronics STBC03JR Datasheet HTML 25Page - STMicroelectronics STBC03JR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Functional pin description
STBC03
22/34
DocID029927 Rev 2
automatically charging the battery if VBAT goes below 3.9 V; a deglitch time delay has been
added to prevent unwanted charging cycle from restarting.
6.15
SD
The shutdown pin. In battery mode (if no valid VBUS voltage is present) a logic high level
on this pin asserts the low power consumption mode. If SD is kept high when a pulse is
applied to WAKE-UP pin the device exits the shutdown condition for the duration of the
WAKE-UP pulse. In shutdown mode, the battery drain is then reduced to less than 50 nA. If
a valid VBUS voltage is present, the SD pin status has no effect and the device is always
out of the shutdown condition.
6.16
SW1_OA, SW1_OB, SW1_I, SW2_OA, SW2_OB, SW2_I
SPDT load switch pins. Both of SPDT load switches are controlled by the digital control
pins (see section below). Each SPDT features a typical RDS(on)
of 3 Ω. SPDT load switches
can be paralleled to reduce the series resistor as well as to increase the allowable flowing
current.
6.17
SW_SEL1 and SW_SEL2
SW_SEL1 and SW_SEL2 drive the SPDT switches according to the following table. They
should be connected to GND if not used.
Table 9: SW_SEL1, SW_SEL2 operation
INPUTS
OUTPUTS
SW_SEL 1
SW_SEL2
SW1_OA
SW1_OB
SW2_OA
SW2_OB
0
0
SW1_I
Hi-Z
SW2_I
Hi-Z
1
0
Hi-Z
SW1_I
SW2_I
Hi-Z
0
1
SW1_I
Hi-Z
Hi-Z
SW2_I
1
1
Hi-Z
SW1_I
Hi-Z
SW2_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com