Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03JR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBC03JR
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03JR Datasheet(HTML) 5 Page - STMicroelectronics

  STBC03JR Datasheet HTML 1Page - STMicroelectronics STBC03JR Datasheet HTML 2Page - STMicroelectronics STBC03JR Datasheet HTML 3Page - STMicroelectronics STBC03JR Datasheet HTML 4Page - STMicroelectronics STBC03JR Datasheet HTML 5Page - STMicroelectronics STBC03JR Datasheet HTML 6Page - STMicroelectronics STBC03JR Datasheet HTML 7Page - STMicroelectronics STBC03JR Datasheet HTML 8Page - STMicroelectronics STBC03JR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
STBC03
List of figures
DocID029927 Rev 2
5/34
List of figures
Figure 1: STBC03 application schematic....................................................................................................6
Figure 2: Pin configuration top through view ..............................................................................................7
Figure 3: Battery mode 3 V LDO load transient response........................................................................14
Figure 4: Thermal management ...............................................................................................................14
Figure 5: VIN mode, overvoltage protection .............................................................................................14
Figure 6: Pre-charge to fast charge mode transition threshold ................................................................14
Figure 7: Pre-charge to fast charge mode transition deglitch...................................................................15
Figure 8: Pre-charge to fast charge mode to no charge mode transition .................................................15
Figure 9: Wake-up pin operation ..............................................................................................................15
Figure 10: VIN plug, charging initialization ...............................................................................................15
Figure 11: Wake-up operation, VSYS and LDO rise overview .................................................................16
Figure 12: Wake-up operation, VSYS and LDO rise detail.......................................................................16
Figure 13: VIN plug, charging initialization battery mode to VIN mode transition ....................................16
Figure 14: Shutdown mode entry..............................................................................................................16
Figure 15: VBAT to VSYS drop and VSYS to VLDO drop (10 mA)..........................................................17
Figure 16: VBAT to VSYS drop and VSYS to VLDO drop (100 mA)........................................................17
Figure 17: CEN operation .........................................................................................................................17
Figure 18: CEN operation, VIN plug/unplug .............................................................................................17
Figure 19: STBC03 block diagram............................................................................................................23
Figure 20: Charging flowchart...................................................................................................................26
Figure 21: End-of-charge flowchart ..........................................................................................................27
Figure 22: CC/CV charging profile (not in scale) ......................................................................................27
Figure 23: Flip Chip 30 (2.59x2.25 mm) package outline.........................................................................30
Figure 24: Flip Chip 30 (2.59x2.25 mm) recommended footprint .............................................................31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com