Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03JR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBC03JR
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03JR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBC03JR Datasheet HTML 8Page - STMicroelectronics STBC03JR Datasheet HTML 9Page - STMicroelectronics STBC03JR Datasheet HTML 10Page - STMicroelectronics STBC03JR Datasheet HTML 11Page - STMicroelectronics STBC03JR Datasheet HTML 12Page - STMicroelectronics STBC03JR Datasheet HTML 13Page - STMicroelectronics STBC03JR Datasheet HTML 14Page - STMicroelectronics STBC03JR Datasheet HTML 15Page - STMicroelectronics STBC03JR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical characteristics
STBC03
12/34
DocID029927 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VLDO
LDO output
voltage
ILDO = 1 mA
2.9
3.0
3.1
V
ΔVOUT-
LOAD
LDO static load
regulation
ILDO = 1 mA to 150 mA
±0.002
±0.003
%/mA
ISC
LDO short-circuit
current
RLOAD
= 0 Ω
250
350
mA
tON
LDO turn-on time
0 to 95% VLDO, IOUT = 150 mA
210
µs
IBATOCP
Battery discharge
overcurrent
protection
VIN<VUVLO (powered from BAT)
900
mA
IINLIM
Input current
limitation
VSYS> VILIMSCTH; VUVLO < VIN < VINOVP
(powered from IN)
1.7
A
VILIMSCTH
SYS voltage
threshold for input
current limitation
short-circuit
detection
VUVLO < VIN < VINOVP
2
V
VSCSYS
SYS short-circuit
protection
threshold
VIN < VUVLO or VIN>VINOVP (powered from
BAT)
VBAT-0.8
V
INTCB
NTC pin bias
current
VNTC = 0.25 V
45
50
55
µA
VHOT
Thermal hot
threshold
Increasing NTC temperature
0.234
0.246
0.258
V
VCOLD
Thermal cold
threshold
Decreasing NTC temperature
1.28
1.355
1.43
V
THYST
Hot/cold
temperature
thresholds
hysteresis
10 kΩ NTC, ß = 3370
3
°C
TSD
Thermal shutdown
die temperature
155
°C
TWRN
Thermal warning
die temperature
135
°C
tPW-VIN
Minimum input
voltage
connection time to
exit from
shutdown mode
VBAT = 3.5 V, RNTC
= 10 kΩ
240
ms
tOCD
Overcharge
detection delay
VBAT> VOCHG, VUVLO<VIN<VINOVP
1.2
s
tODD
Over-discharge
detection delay
VBAT < VODC and VIN < VUVLO or VIN>
VINOVP
60
ms
tDOD
Discharge
overcurrent
detection delay
IBAT> IBATOCP, VIN<VUVLO or VIN> VINOVP
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com