Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC03JR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBC03JR
Description  Li-Ion linear battery charger with LDO and load switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC03JR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBC03JR Datasheet HTML 9Page - STMicroelectronics STBC03JR Datasheet HTML 10Page - STMicroelectronics STBC03JR Datasheet HTML 11Page - STMicroelectronics STBC03JR Datasheet HTML 12Page - STMicroelectronics STBC03JR Datasheet HTML 13Page - STMicroelectronics STBC03JR Datasheet HTML 14Page - STMicroelectronics STBC03JR Datasheet HTML 15Page - STMicroelectronics STBC03JR Datasheet HTML 16Page - STMicroelectronics STBC03JR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
STBC03
Electrical characteristics
DocID029927 Rev 2
13/34
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPFD
Pre-charge to fast
charge transition
deglitch time
Rising
100
ms
tFPD
Fast charge to
pre-charge fault
deglitch time
10
ms
tEND
End-of-charge
deglitch time
100
ms
tPRE
Pre-charge
timeout
VBAT = 2 V, charging
1800
s
tFAST
Fast charge
timeout
14000
18000
22000
s
tCRDD
Charger restart
deglitch time
After end-of-charge, VBAT < 3.9 V restart
enabled
1200
ms
VREC
Charger restart
threshold
After end-of-charge, restart enabled
3.9
V
tNTCD
Battery
temperature
transition deglitch
time
100
ms
tPW
CEN valid input
pulse width
15
ms
tPW-WA
WAKE-UP valid
input pulse width
1200
ms
Notes:
(1)If the internal thermal temperature of the STBC03 reaches TWRN, then the programmed IFAST is halved until the internal
temperature drops below TWRN - 10 °C typically. A warning is signaled via the CHG output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com