Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H65F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGP30H65F
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H65F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGP30H65F Datasheet HTML 2Page - STMicroelectronics STGP30H65F Datasheet HTML 3Page - STMicroelectronics STGP30H65F Datasheet HTML 4Page - STMicroelectronics STGP30H65F Datasheet HTML 5Page - STMicroelectronics STGP30H65F Datasheet HTML 6Page - STMicroelectronics STGP30H65F Datasheet HTML 7Page - STMicroelectronics STGP30H65F Datasheet HTML 8Page - STMicroelectronics STGP30H65F Datasheet HTML 9Page - STMicroelectronics STGP30H65F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STGP30H65F
6/13
DocID025631 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Output characteristics (TJ = 25°C)
Figure 3. Output characteristics (TJ = 175°C)
Figure 4. Transfer characteristics
Figure 5. Normalized VGE(th) vs. junction
temperature
Figure 6. Power dissipation vs. case
temperature
Figure 7. Collector current vs. frequency
IC
60
40
20
0
0
2
VCE(V)
4
(A)
1
3
80
100
11V
9V
13V
VGE=15V
AM17360v1
IC
60
40
20
0
0
2
VCE(V)
4
(A)
1
3
80
100
11V
9V
13V
VGE=15V
7V
AM17361v1
IC
60
40
20
0
7
9
VGE(V)
11
(A)
8
10
80
100
TJ=-40°C
TJ=25°C
TJ=175°C
VCE=5V
AM17362v1
VGE(th)
0.9
0.8
0.7
0.6
-50
0
TJ(°C)
100
norm
50
1.0
150
AM17369v1
PTOT
120
80
40
0
0
50
TCASE(°C)
100
(W)
25
75
160
200
125
150
240
AM17364v1
IC
30
20
1
f(kHz)
(A)
10
40
50
60
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=10ohm,Vge=0/15V, Tj=175 °C)
Tc=80°C
Tc=100°C
AM17380v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com